Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LWL28G Datasheet(PDF) 5 Page - OSRAM GmbH

Part # LWL28G
Description  SmartLED Enhanced Optical Power Chip
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LWL28G Datasheet(HTML) 5 Page - OSRAM GmbH

  LWL28G Datasheet HTML 1Page - OSRAM GmbH LWL28G Datasheet HTML 2Page - OSRAM GmbH LWL28G Datasheet HTML 3Page - OSRAM GmbH LWL28G Datasheet HTML 4Page - OSRAM GmbH LWL28G Datasheet HTML 5Page - OSRAM GmbH LWL28G Datasheet HTML 6Page - OSRAM GmbH LWL28G Datasheet HTML 7Page - OSRAM GmbH LWL28G Datasheet HTML 8Page - OSRAM GmbH LWL28G Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
LW L28G
2007-10-19
5
Farbortgruppen
5) Seite 16
Chromaticity Coordinate Groups
5) page 16
Gruppe
Group
Cx
Cy
Gruppe
Group
Cx
Cy
3K
0.273
0.227
5K
0.296
0.259
0.266
0.232
0.291
0.268
0.280
0.252
0.310
0.297
0.286
0.244
0.313
0.284
3L
0.266
0.232
5L
0.291
0.268
0.258
0.239
0.285
0.279
0.273
0.261
0.307
0.312
0.280
0.252
0.310
0.297
4K
0.286
0.244
6K
0.313
0.284
0.280
0.252
0.310
0.297
0.291
0.268
0.330
0.330
0.296
0.259
0.330
0.310
4L
0.280
0.252
6L
0.310
0.297
0.273
0.261
0.307
0.312
0.285
0.279
0.330
0.347
0.291
0.268
0.330
0.330
OHA12327
520
530
540
550
560
570
580
590
600
610
620
630
0
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
510
500
490
480
470
450
460
0.20
+
E
Cy
Cx
Cx
Cy
0.22
0.24
0.26
0.28
0.30
0.32
0.34
0.36
0.38
0.40
0.42
0.21
0.23
0.25
0.27
0.29
0.31
0.33
0.35
0.37
0.39
0.41
3K
4K
5K
6K
3L
4L
5L
6L
+



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com