Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LWL28G Datasheet(PDF) 11 Page - OSRAM GmbH

Part # LWL28G
Description  SmartLED Enhanced Optical Power Chip
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LWL28G Datasheet(HTML) 11 Page - OSRAM GmbH

Back Button LWL28G Datasheet HTML 7Page - OSRAM GmbH LWL28G Datasheet HTML 8Page - OSRAM GmbH LWL28G Datasheet HTML 9Page - OSRAM GmbH LWL28G Datasheet HTML 10Page - OSRAM GmbH LWL28G Datasheet HTML 11Page - OSRAM GmbH LWL28G Datasheet HTML 12Page - OSRAM GmbH LWL28G Datasheet HTML 13Page - OSRAM GmbH LWL28G Datasheet HTML 14Page - OSRAM GmbH LWL28G Datasheet HTML 15Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
LW L28G
2007-10-19
11
Maßzeichnung
8) Seite 16
Package Outlines
8) page 16
Gewicht / Approx. weight:
1.4 mg
Gurtung / Polarität und Lage
8) Seite 16
Verpackungseinheit 8 mm Gurt mit
5’000/Rolle, ø180 mm
Method of Taping / Polarity and Orientation
8) page 16
Packing unit 8 mm tape with 5,000/reel,
ø180 mm
Empfohlenes Lötpaddesign
8) 9) Seite 16
IR Reflow Löten
Recommended Solder Pad
8) 9) page 16
IR Reflow Soldering
GPLY7001
0.8 (0.031) ±0.1 (0.004)
Cathode
+0.05 (0.002)
-0.03 (0.001)
0.125 (0.005)
+0.02 (0.001)
-0.05 (0.002)
0.65 (0.026)
marking
marking
Cathode
±0.05 (0.002)
0.7 (0.028)
A
C
OHAY1491
1.5 (0.059)
4 (0.157)
2 (0.079)
0.9 (0.035)
A
C
0.8 (0.031)
0.8 (0.031)
0.7 (0.028)
OHAPY606
0.8 (0.031)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com