Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADC12DL080CIVS/NOPB Datasheet(PDF) 17 Page - Texas Instruments

Part # ADC12DL080CIVS/NOPB
Description  ADC12DL080 Dual 12-Bit, 80 MSPS, A/D Converter for IF Sampling
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ADC12DL080CIVS/NOPB Datasheet(HTML) 17 Page - Texas Instruments

Back Button ADC12DL080CIVS/NOPB Datasheet HTML 13Page - Texas Instruments ADC12DL080CIVS/NOPB Datasheet HTML 14Page - Texas Instruments ADC12DL080CIVS/NOPB Datasheet HTML 15Page - Texas Instruments ADC12DL080CIVS/NOPB Datasheet HTML 16Page - Texas Instruments ADC12DL080CIVS/NOPB Datasheet HTML 17Page - Texas Instruments ADC12DL080CIVS/NOPB Datasheet HTML 18Page - Texas Instruments ADC12DL080CIVS/NOPB Datasheet HTML 19Page - Texas Instruments ADC12DL080CIVS/NOPB Datasheet HTML 20Page - Texas Instruments ADC12DL080CIVS/NOPB Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 34 page
background image
ADC12DL080
www.ti.com
SNAS345A – FEBRUARY 2006 – REVISED APRIL 2013
Typical Performance Characteristics (continued)
Unless otherwise specified, the following specifications apply for AGND = DGND = DR GND = 0V, VA = VD = +3.3V, VDR =
+2.5V, PD = 0V, External VREF = +1.0V, fCLK = 80 MHz, fIN = 40 MHz, CL = 10 pF/pin, Duty Cycle Stabilizer On. Units for SNR
and SINAD are dBFS. Units for SFDR and Distortion are dBc. Boldface limits apply for TJ = TMIN to TMAX: all other limits TJ
= 25°C
SNR, SINAD, SFDR vs. fCLK
Distortion vs. fCLK
Figure 23.
Figure 24.
SNR, SINAD, SFDR vs. Clock Duty Cycle
Distortion vs. Clock Duty Cycle
Figure 25.
Figure 26.
SNR, SINAD, SFDR vs. Clock Duty Cycle (DCS=OFF)
Distortion vs. Clock Duty Cycle (DCS=OFF)
Figure 27.
Figure 28.
Copyright © 2006–2013, Texas Instruments Incorporated
Submit Documentation Feedback
17
Product Folder Links: ADC12DL080



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com