Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADC12DL080CIVS/NOPB Datasheet(PDF) 28 Page - Texas Instruments

Part # ADC12DL080CIVS/NOPB
Description  ADC12DL080 Dual 12-Bit, 80 MSPS, A/D Converter for IF Sampling
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ADC12DL080CIVS/NOPB Datasheet(HTML) 28 Page - Texas Instruments

Back Button ADC12DL080CIVS/NOPB Datasheet HTML 24Page - Texas Instruments ADC12DL080CIVS/NOPB Datasheet HTML 25Page - Texas Instruments ADC12DL080CIVS/NOPB Datasheet HTML 26Page - Texas Instruments ADC12DL080CIVS/NOPB Datasheet HTML 27Page - Texas Instruments ADC12DL080CIVS/NOPB Datasheet HTML 28Page - Texas Instruments ADC12DL080CIVS/NOPB Datasheet HTML 29Page - Texas Instruments ADC12DL080CIVS/NOPB Datasheet HTML 30Page - Texas Instruments ADC12DL080CIVS/NOPB Datasheet HTML 31Page - Texas Instruments ADC12DL080CIVS/NOPB Datasheet HTML 32Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 34 page
background image
ADC12DL080
SNAS345A – FEBRUARY 2006 – REVISED APRIL 2013
www.ti.com
DYNAMIC PERFORMANCE
To achieve the best dynamic performance, the clock source driving the CLK input must be free of jitter. Isolate
the ADC clock from any digital circuitry with buffers, as with the clock tree shown in Figure 46. The gates used in
the clock tree must be capable of operating at frequencies much higher than those used if added jitter is to be
prevented.
Best performance will be obtained with a differential input drive, compared with a single-ended drive, as
discussed in Single-Ended Operation and Driving the Analog Inputs.
As mentioned in LAYOUT AND GROUNDING, it is good practice to keep the ADC clock line as short as possible
and to keep it well away from any other signals. Other signals can introduce jitter into the clock signal, which can
lead to reduced SNR performance, and the clock can introduce noise into other lines. Even lines with 90°
crossings have capacitive coupling, so try to avoid even these 90° crossings of the clock line.
Figure 46. Isolating the ADC Clock from other Circuitry with a Clock Tree
7.0 COMMON APPLICATION PITFALLS
Driving the inputs (analog or digital) beyond the power supply rails. For proper operation, all inputs should
not go more than 100 mV beyond the supply rails (more than 100 mV below the ground pins or 100 mV above
the supply pins). Exceeding these limits on even a transient basis may cause faulty or erratic operation. It is not
uncommon for high speed digital components (e.g., 74F and 74AC devices) to exhibit overshoot or undershoot
that goes above the power supply or below ground. A resistor of about 47
Ω to 100Ω in series with any offending
digital input, close to the signal source, will eliminate the problem.
Do not allow input voltages to exceed the supply voltage, even on a transient basis. Not even during power up or
power down.
Be careful not to overdrive the inputs of the ADC12DL080 with a device that is powered from supplies outside
the range of the ADC12DL080 supply. Such practice may lead to conversion inaccuracies and even to device
damage.
Attempting to drive a high capacitance digital data bus. The more capacitance the output drivers must
charge for each conversion, the more instantaneous digital current flows through VDR and DR GND. These large
charging current spikes can couple into the analog circuitry, degrading dynamic performance. Adequate
bypassing and maintaining separate analog and digital areas on the pc board will reduce this problem.
Additionally, bus capacitance beyond the specified 10 pF/pin will cause tOD to increase, making it difficult to
properly latch the ADC output data. The result could, again, be an apparent reduction in dynamic performance.
The digital data outputs should be buffered (with 74ACQ541, for example). Dynamic performance can also be
improved by adding series resistors at each digital output, close to the ADC12DL080, which reduces the energy
coupled back into the converter output pins by limiting the output current. A reasonable value for these resistors
is 100
Ω.
28
Submit Documentation Feedback
Copyright © 2006–2013, Texas Instruments Incorporated
Product Folder Links: ADC12DL080



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com