Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADC12DL080CIVS/NOPB Datasheet(PDF) 25 Page - Texas Instruments

Part # ADC12DL080CIVS/NOPB
Description  ADC12DL080 Dual 12-Bit, 80 MSPS, A/D Converter for IF Sampling
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ADC12DL080CIVS/NOPB Datasheet(HTML) 25 Page - Texas Instruments

Back Button ADC12DL080CIVS/NOPB Datasheet HTML 21Page - Texas Instruments ADC12DL080CIVS/NOPB Datasheet HTML 22Page - Texas Instruments ADC12DL080CIVS/NOPB Datasheet HTML 23Page - Texas Instruments ADC12DL080CIVS/NOPB Datasheet HTML 24Page - Texas Instruments ADC12DL080CIVS/NOPB Datasheet HTML 25Page - Texas Instruments ADC12DL080CIVS/NOPB Datasheet HTML 26Page - Texas Instruments ADC12DL080CIVS/NOPB Datasheet HTML 27Page - Texas Instruments ADC12DL080CIVS/NOPB Datasheet HTML 28Page - Texas Instruments ADC12DL080CIVS/NOPB Datasheet HTML 29Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 34 page
background image
-
+
255, 1%
280, 1%
50:
SIGNAL
INPUT
49.9,
1%
39 pF
511, 1%
511, 1%
22
22
39 pF
To ADC
VIN-
To ADC
VIN+
Amplifier:
LMH6650
VRM from ADC
VCM
ADC12DL080
CHOKE
2 x 0.1 PF
2 x 0.1 PF
DB7
53
DB6
52
DB5
47
DB4
46
DB11
57
DB10
56
DB9
55
DB8
54
DB3
45
DB2
44
DB1
43
DB0
42
12x100:
D0
D2
D3
D4
D5
D6
D7
Q1
Q2
Q3
Q4
Q5
Q6
Q7
D8
D9
D10
D11
D12
D13
D14
D15
CLK
OE
Q8
Q9
Q10
Q11
Q12
Q13
Q14
Q15
74LVTH162374
ChB
Output Word
3 x 0.1 PF
7
V
REF
+
2 x 10 PF
+3.3V
T2
0.1 PF
22
22
0.1 PF
1
V
IN_A
VINA-
VINA+
16
15
100
100
4
5
6
V R
M
B
V
RPB
V R
N
B
T2
ADT1-1WT
0.1 PF
22
22
0.1 PF
1
V
IN_B
VINB-
VINB+
1
2
50
OF/DOEN
CLK
Crystal Oscillator
Connect to VRMA
60
21
REFSEL/DCS
11
OEA/OF
22
PD
PD
59
DA7
35
DA6
34
DA5
29
DA4
28
DA11
39
DA10
38
DA9
37
DA8
36
DA3
27
DA2
26
DA1
25
DA0
24
12x100:
ChA
Output Word
39 pF
39 pF
39 pF
39 pF
14
13
12
V R
M
A
V
RP A
V R
N
A
1k
0.1 PF
0.1 PF
10 PF
0.1 PF
0.1 PF
10 PF
0.1 PF
0.1 PF
*
*
*
*
* This R-C network is suitable for input
frequencies up to 70 MHz. For undersampling
applications do not install these capacitors.
Refer to Section 1.3.2 for more information.
ADT1-1WT
41
OEB/DRDY
+
D1
Q0
D0
D2
D3
D4
D5
D6
D7
Q1
Q2
Q3
Q4
Q5
Q6
Q7
D8
D9
D10
D11
D12
D13
D14
D15
CLK
OE
Q8
Q9
Q10
Q11
Q12
Q13
Q14
Q15
74LVTH162374
D1
Q0
1/4
74ACQ04
ADC12DL080
www.ti.com
SNAS345A – FEBRUARY 2006 – REVISED APRIL 2013
Figure 43. Application Circuit using Transformer Drive Circuit
Figure 44. Optional Amplifier Drive for Circuit in Figure 43
Copyright © 2006–2013, Texas Instruments Incorporated
Submit Documentation Feedback
25
Product Folder Links: ADC12DL080



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com