Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADC12DL080CIVS/NOPB Datasheet(PDF) 20 Page - Texas Instruments

Part # ADC12DL080CIVS/NOPB
Description  ADC12DL080 Dual 12-Bit, 80 MSPS, A/D Converter for IF Sampling
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ADC12DL080CIVS/NOPB Datasheet(HTML) 20 Page - Texas Instruments

Back Button ADC12DL080CIVS/NOPB Datasheet HTML 16Page - Texas Instruments ADC12DL080CIVS/NOPB Datasheet HTML 17Page - Texas Instruments ADC12DL080CIVS/NOPB Datasheet HTML 18Page - Texas Instruments ADC12DL080CIVS/NOPB Datasheet HTML 19Page - Texas Instruments ADC12DL080CIVS/NOPB Datasheet HTML 20Page - Texas Instruments ADC12DL080CIVS/NOPB Datasheet HTML 21Page - Texas Instruments ADC12DL080CIVS/NOPB Datasheet HTML 22Page - Texas Instruments ADC12DL080CIVS/NOPB Datasheet HTML 23Page - Texas Instruments ADC12DL080CIVS/NOPB Datasheet HTML 24Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 34 page
background image
ADC12DL080
SNAS345A – FEBRUARY 2006 – REVISED APRIL 2013
www.ti.com
FUNCTIONAL DESCRIPTION
Operating on a single +3.3V supply, the ADC12DL080 uses a pipeline architecture and has error correction
circuitry to help ensure maximum performance. The differential analog input signal is digitized to 12 bits. The
user has the choice of using an internal 1.0 Volt or an external reference. Any external reference is buffered on-
chip to ease the task of driving that pin.
The output word rate is the same as the clock frequency, which can be between 10 MSPS and 80 MSPS
(typical) with fully specified performance at 80 MSPS. The analog input for both channels is acquired at the rising
edge of the clock and the digital data for a given sample is delayed by the pipeline for 7 clock cycles. Duty cycle
stabilization and output data format are selectable. The output data format can be set for offset binary or two's
complement.
A logic high on the power down (PD) pin reduces the converter power consumption to 50 mW.
APPLICATIONS INFORMATION
OPERATING CONDITIONS
We recommend that the following conditions be observed for operation of the ADC12DL080:
3.0V
≤ VA ≤ 3.6V
VD = VA
2.4V
≤ VDR ≤ VD
10 MHz
≤ fCLK ≤ 80 MHz
0.8V
≤ VREF ≤ 1.2V (for an external reference)
1.0V
≤ VCM ≤ 2.0V
Analog Inputs
There is one reference input pin, VREF, which is used to select an internal reference, or to supply an external
reference. The ADC12DL080 has two analog signal input pairs, VIN A+ and VIN A- for one converter and VIN B+
and VIN B- for the other converter. Each pair of pins forms a differential input pair.
Reference Pins
The ADC12DL080 is designed to operate with an internal 1.0V reference or an external 1.0V reference, but
performs well with external reference voltages in the range of 0.8V to 1.2V. Lower reference voltages will
decrease the signal-to-noise ratio (SNR) of the ADC12DL080. Increasing the reference voltage (and the input
signal swing) beyond 1.2V may degrade THD for a full-scale input, especially at higher input frequencies.
It is important that all grounds associated with the reference voltage and the analog input signal make connection
to the ground plane at a single, quiet point to minimize the effects of noise currents in the ground path.
The six Reference Bypass Pins (VRPA, VRMA, VRNA, VRPB, VRMB and VRNB) are made available for bypass
purposes. All these pins should each be bypassed to ground with a 0.1 µF capacitor. A 10 µF capacitor should
be placed between the VRPA and VRNA pins and between the VRPB and VRNB pins, as shown in Figure 43. This
configuration is necessary to avoid reference oscillation, which could result in reduced SFDR and/or SNR.
Smaller capacitor values than those specified will allow faster recovery from the power down mode, but may
result in degraded noise performance. Loading any of these pins other than VRMA and VRMB may result in
performance degradation.
The nominal voltages for the reference bypass pins are as follows:
VRM = 1.5 V
VRP = VRM + VREF / 2
VRN = VRM − VREF / 2
20
Submit Documentation Feedback
Copyright © 2006–2013, Texas Instruments Incorporated
Product Folder Links: ADC12DL080



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com