Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADC12DL080CIVS/NOPB Datasheet(PDF) 29 Page - Texas Instruments

Part # ADC12DL080CIVS/NOPB
Description  ADC12DL080 Dual 12-Bit, 80 MSPS, A/D Converter for IF Sampling
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ADC12DL080CIVS/NOPB Datasheet(HTML) 29 Page - Texas Instruments

Back Button ADC12DL080CIVS/NOPB Datasheet HTML 25Page - Texas Instruments ADC12DL080CIVS/NOPB Datasheet HTML 26Page - Texas Instruments ADC12DL080CIVS/NOPB Datasheet HTML 27Page - Texas Instruments ADC12DL080CIVS/NOPB Datasheet HTML 28Page - Texas Instruments ADC12DL080CIVS/NOPB Datasheet HTML 29Page - Texas Instruments ADC12DL080CIVS/NOPB Datasheet HTML 30Page - Texas Instruments ADC12DL080CIVS/NOPB Datasheet HTML 31Page - Texas Instruments ADC12DL080CIVS/NOPB Datasheet HTML 32Page - Texas Instruments ADC12DL080CIVS/NOPB Datasheet HTML 33Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 34 page
background image
ADC12DL080
www.ti.com
SNAS345A – FEBRUARY 2006 – REVISED APRIL 2013
Using an inadequate amplifier to drive the analog input. As explained in Signal Inputs, the capacitance seen
at the input alternates between 8 pF and 7 pF, depending upon the phase of the clock. This dynamic load is
more difficult to drive than is a fixed capacitance. If the amplifier exhibits overshoot, ringing, or any evidence of
instability, even at a very low level, it will degrade performance. A small series resistor at each amplifier output
and a capacitor at the analog inputs (as shown in Figure 44) will improve performance.
Also, it is important that the signals at the two inputs have exactly the same amplitude and be exactly 180º out of
phase with each other. Board layout, especially equality of the length of the two traces to the input pins, will
affect the effective phase between these two signals. Remember that an operational amplifier operated in the
non-inverting configuration will exhibit more time delay than will the same device operating in the inverting
configuration.
Operating with the reference pins outside of the specified range. As mentioned in Reference Pins, VREF
should be in the range of
0.8V
≤ VREF ≤ 1.2V
(7)
Operating outside of these limits could lead to performance degradation.
Inadequate network on Reference Bypass pins (VRPA, VRNA, VRMA, VRPB, VRNB and VRMB). As mentioned in
Reference Pins, these pins should be bypassed with 0.1 µF capacitors to ground at VRMA and VRMB and with a
10 µF between pins VRPA and VRNA and between VRPB and VRNB for best performance.
Using a clock source with excessive jitter, using excessively long clock signal trace, or having other
signals coupled to the clock signal trace. This will cause the sampling interval to vary, causing excessive
output noise and a reduction in SNR and SINAD performance.
Copyright © 2006–2013, Texas Instruments Incorporated
Submit Documentation Feedback
29
Product Folder Links: ADC12DL080



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com