Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TL16C451FN Datasheet(PDF) 14 Page - Texas Instruments

Click here to check the latest version.
Part # TL16C451FN
Description  ASYNCHRONOUS COMMUNICATIONS ELEMENTS
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TL16C451FN Datasheet(HTML) 14 Page - Texas Instruments

Back Button TL16C451FN Datasheet HTML 10Page - Texas Instruments TL16C451FN Datasheet HTML 11Page - Texas Instruments TL16C451FN Datasheet HTML 12Page - Texas Instruments TL16C451FN Datasheet HTML 13Page - Texas Instruments TL16C451FN Datasheet HTML 14Page - Texas Instruments TL16C451FN Datasheet HTML 15Page - Texas Instruments TL16C451FN Datasheet HTML 16Page - Texas Instruments TL16C451FN Datasheet HTML 17Page - Texas Instruments TL16C451FN Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 24 page
background image
TL16C451, TL16C452
ASYNCHRONOUS COMMUNICATIONS ELEMENTS
SLLS053C – MAY 1989 – REVISED AUGUST 1999
14
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
PRINCIPLES OF OPERATION
Table 1. Register Selection
DLAB†
A2
A1
A0
REGISTER
0
L
L
L
Receiver buffer (read), transmitter holding register (write)
0
L
L
H
Interrupt enable register
X
L
H
L
Interrupt identification register (read only)
X
L
H
H
Line control register
X
H
L
L
Modem control register
X
H
L
H
Line status register
X
H
H
L
Modem status register
X
H
H
H
Scratch register
1
L
L
L
Divisor latch (LSB)
1
L
L
H
Divisor latch (MSB)
† The divisor latch access bit (DLAB) is the most significant bit of the line control register. The DLAB
signal is controlled by writing to this bit location (see Table 3).
Table 2. ACE Reset Functions
REGISTER/SIGNAL
RESET
CONTROL
RESET STATE
Interrupt enable register
RESET
All bits cleared (0 – 3 forced and 4 – 7 permanent)
Interrupt identification register
RESET
Bit 0 is set, bits 1 and 2 are cleared, and bits 3 – 7
Interrupt identification register
RESET
Bit 0 is set, bits 1 and 2 are cleared, and bits 37
are permanently cleared
Line control register
RESET
All bits cleared
Modem control register
RESET
All bits cleared
Line status register
RESET
Bits 5 and 6 are set, all other bits are cleared
Modem status register
RESET
Bits 0 – 3 are cleared, bits 4 – 7 are input signals
SOUT
RESET
High
INTRPT (receiver error flag)
Read LSR/RESET
Low
INTRPT (received data available)
Read RBR/RESET
Low
INTRPT (transmitter holding register empty)
Read IIR/Write
Low
INTRPT (transmitter holding register empty)
THR/RESET
Low
INTRPT (modem status changes)
Read MSR/RESET
Low
OUT2 (interrupt enable)
RESET
High
RTS
RESET
High
DTR
RESET
High
OUT1
RESET
High
Scratch register
RESET
No effect
Divisor latch (LSB and MSB) registers
RESET
No effect
Receiver buffer registers
RESET
No effect
Transmitter holding registers
RESET
No effect



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com