Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TL16C451FN Datasheet(PDF) 16 Page - Texas Instruments

Click here to check the latest version.
Part # TL16C451FN
Description  ASYNCHRONOUS COMMUNICATIONS ELEMENTS
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TL16C451FN Datasheet(HTML) 16 Page - Texas Instruments

Back Button TL16C451FN Datasheet HTML 12Page - Texas Instruments TL16C451FN Datasheet HTML 13Page - Texas Instruments TL16C451FN Datasheet HTML 14Page - Texas Instruments TL16C451FN Datasheet HTML 15Page - Texas Instruments TL16C451FN Datasheet HTML 16Page - Texas Instruments TL16C451FN Datasheet HTML 17Page - Texas Instruments TL16C451FN Datasheet HTML 18Page - Texas Instruments TL16C451FN Datasheet HTML 19Page - Texas Instruments TL16C451FN Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 24 page
background image
TL16C451, TL16C452
ASYNCHRONOUS COMMUNICATIONS ELEMENTS
SLLS053C – MAY 1989 – REVISED AUGUST 1999
16
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
PRINCIPLES OF OPERATION
interrupt control logic
The interrupt control logic is shown in Figure 10.
DR (LSR Bit 0)
THRE (LSR bit 5)
OE (LSR bit 1)
FE (LSR bit 3)
TERI (MSR Bit 2)
INTERRUPT ENABLE (MCR Bit 3)
Interrupt
Output
ERBFI (IER Bit 0)
ETBEI (IER Bit 1)
PE (LSR Bit 2)
DDSR (MSR Bit 1)
DCTS (MSR Bit 0)
ELSI (IER Bit 1)
BI (LSR Bit 4)
EDSSI (IER Bit 3)
DRLSD (MSR Bit 3)
Figure 10. Interrupt Control Logic
interrupt enable register (IER)
The IER enables each of the four types of interrupts (refer to Table 4) and the INTRPT output signal in response
to an interrupt generation. The IER can also disable the interrupt system by clearing bits 0 through 3. The
contents of this register are summarized in Table 3 and are described in the following bulleted list.
D Bit 0: This bit, when set, enables the received data available interrupt.
D Bit 1: This bit, when set, enables the THRE interrupt.
D Bit 2: This bit, when set, enables the receiver line status interrupt.
D Bit 3: This bit, when set, enables the modem status interrupt.
D Bits 4 thru 7: These bits in the IER are not used and are always cleared.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com