Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TL16C451FN Datasheet(PDF) 19 Page - Texas Instruments

Click here to check the latest version.
Part # TL16C451FN
Description  ASYNCHRONOUS COMMUNICATIONS ELEMENTS
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TL16C451FN Datasheet(HTML) 19 Page - Texas Instruments

Back Button TL16C451FN Datasheet HTML 15Page - Texas Instruments TL16C451FN Datasheet HTML 16Page - Texas Instruments TL16C451FN Datasheet HTML 17Page - Texas Instruments TL16C451FN Datasheet HTML 18Page - Texas Instruments TL16C451FN Datasheet HTML 19Page - Texas Instruments TL16C451FN Datasheet HTML 20Page - Texas Instruments TL16C451FN Datasheet HTML 21Page - Texas Instruments TL16C451FN Datasheet HTML 22Page - Texas Instruments TL16C451FN Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 24 page
background image
TL16C451, TL16C452
ASYNCHRONOUS COMMUNICATIONS ELEMENTS
SLLS053C – MAY 1989 – REVISED AUGUST 1999
19
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
PRINCIPLES OF OPERATION
line status register (LSR)†
The LSR provides information to the CPU concerning the status of data transfers. The contents of this register
are summarized in Table 3 and are described in the following bulleted list.
D Bit 0: This bit is the data ready (DR) indicator for the receiver. Bit 0 is set whenever a complete incoming
character has been received and transferred into the RBR and is cleared by reading the RBR.
D Bit 1‡: This bit is the overrun error (OE) indicator. When bit 1 is set, it indicates that before the character
in the RBR was read, it was overwritten by the next character transferred into the register. The OE indicator
is cleared every time the CPU reads the contents of the LSR.
D Bit 2‡: This bit is the parity error (PE) indicator. When bit 2 is set, it indicates that the parity of the received
data character does not match the parity selected in the LCR (bit 4). The PE bit is cleared every time the
CPU reads the contents of the LSR.
D Bit 3‡: This bit is the framing error (FE) indicator. When bit 3 is set, it indicates that the received character
did not have a valid (set) stop bit. The FE bit is cleared every time the CPU reads the contents of the LSR.
D Bit 4‡: This bit is the break interrupt (BI) indicator. When bit 4 is set, it indicates that the received data input
was held clear for longer than a full-word transmission time. A full-word transmission time is defined as the
total time of the start, data, parity, and stop bits. The BI bit is cleared every time the CPU reads the contents
of the LSR.
D Bit 5: This bit is the THRE indicator. Bit 5 is set when the THR is empty, indicating that the ACE is ready
to accept a new character. If the THRE interrupt is enabled when the THRE bit is set, then an interrupt is
generated. THRE is set when the contents of the THR are transferred to the transmitted shift register. This
bit is cleared concurrent with the loading of the THR by the CPU.
D Bit 6: This bit is the transmitter empty (TEMT) indicator, bit 6 is set when the THR and the transmitter shift
register are both empty. When either the THR or the transmitter shift register contains a data character, the
TEMT bit is cleared.
D Bit 7: This bit is always clear.
† The line status register is intended for read operations only; writing to this register is not recommended outside of a factory testing environment.
‡ Bits 1 through 4 are the error conditions that produce a receiver line status interrupt.
modem control register (MCR)
The MCR is an 8-bit register that controls an interface with a modem, data set, or peripheral device that is
emulating a modem. The contents of this register are summarized in Table 3 and are described in the following
bulleted list.
D Bit 0: This bit (DTR) controls the data terminal ready (DTR) output. Setting bit 0 forces the DTR output to
its active state (low). When bit 0 is cleared, DTR goes high.
D Bit 1: This bit (RTS) controls the request to send (RTS) output in a manner identical to bit 0’s control over
the DTR output.
D Bit 2: This bit (OUT 1) is a reserved location used only in the loopback mode.
D Bit 3: This bit (OUT 2) controls the output enable for the interrupt signal. When set, the interrupt is enabled.
When bit 3 is cleared, the interrupt is disabled.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com