Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TL16C451FN Datasheet(PDF) 20 Page - Texas Instruments

Click here to check the latest version.
Part # TL16C451FN
Description  ASYNCHRONOUS COMMUNICATIONS ELEMENTS
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TL16C451FN Datasheet(HTML) 20 Page - Texas Instruments

Back Button TL16C451FN Datasheet HTML 16Page - Texas Instruments TL16C451FN Datasheet HTML 17Page - Texas Instruments TL16C451FN Datasheet HTML 18Page - Texas Instruments TL16C451FN Datasheet HTML 19Page - Texas Instruments TL16C451FN Datasheet HTML 20Page - Texas Instruments TL16C451FN Datasheet HTML 21Page - Texas Instruments TL16C451FN Datasheet HTML 22Page - Texas Instruments TL16C451FN Datasheet HTML 23Page - Texas Instruments TL16C451FN Datasheet HTML 24Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 20 / 24 page
background image
TL16C451, TL16C452
ASYNCHRONOUS COMMUNICATIONS ELEMENTS
SLLS053C – MAY 1989 – REVISED AUGUST 1999
20
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
PRINCIPLES OF OPERATION
modem control register (MCR) (continued)
D Bit 4: This bit provides a local loopback feature for diagnostic testing of the ACE. When this bit is set, the
following occurs:
1.
The SOUT is asserted high.
2.
The SIN is disconnected.
3.
The output of the transmitter shift register is looped back into the receiver shift register input.
4.
The four modem status inputs (CTS, DSR, RLSD, and RI) are disconnected.
5.
The MCR bits (DTR, RTS, OUT1, and OUT2) are connected to the modem status register bits (DSR,
CTS, RI, and RLSD), respectively.
6.
The four modem control output terminals are forced to their inactive states (high).
In the diagnostic mode, data that is transmitted is immediately received. This allows the processor to verify
the transmit and receive data paths to the ACE. The receiver and transmitter interrupts are fully operational.
The modem control interrupts are also operational but the modem control interrupt sources are now the
lower four bits of the MCR instead of the four modem control inputs. All interrupts are still controlled by the
IER.
D Bits 5 through 7: These bits are always cleared.
modem status register (MSR)
The MSR is an 8-bit register that provides information about the current state of the control lines from the
modem, data set, or peripheral device to the CPU. Additionally, four bits of this register provides change
information; when a control input from the modem changes state the appropriate bit is set. All four bits are
cleared when the CPU reads the MSR. The contents of this register are summarized in Table 3 and are
described in the following bulleted list.
D Bit 0. This bit is the delta clear to send (DCTS) indicator. Bit 0 indicates that the CTS input has changed
states since the last time it was read by the CPU. When this bit is set and the modem status Interrupt is
enabled, a modem status interrupt is generated.
D Bit 1. This bit is the delta data set ready (DDSR) indicator. Bit 1 indicates that the DSR input has changed
states since the last time it was read by the CPU. When this bit is set and the modem status Interrupt is
enabled, a modem status interrupt is generated.
D Bit 2. This bit is the trailing edge of ring indicator (TERI) detector. Bit 2 indicates that the RI input to the chip
has changed from a low to a high state. When this bit is set and the modem status Interrupt is enabled, a
modem status interrupt is generated.
D Bit 3. This bit is the delta receive line signal detect (DRLSD) indicator. Bit 3 indicates that the RLSD input
to the chip has changed states since the last time it was read by the CPU. When this bit is set and the modem
status interrupt is enabled, a modem status interrupt is generated.
D Bit 4. This bit is the complement of the clear to send (CTS) input. When bit 4 (loop) of the MCR is set, bit
4 is equivalent to the MCR bit 1 (RTS).
D Bit 5. This bit is the complement of the data set ready (DSR) input. When bit 4 (loop) of the MCR is set, bit
5 is equivalent to the MCR bit 0 (DTR).
D Bit 6. This bit is the complement of the ring indicator (RI) input. When bit 4 (loop) of the MCR is set, bit 6
is equivalent to the MCR bit 2 (OUT 1).
D Bit 7. This bit is the complement of the receive line signal detect (RLSD) input. When bit 4 (loop) of the MCR
is set, bit 7 is equivalent to the MCR bit 3 (OUT 2).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com