Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TL16C451FN Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # TL16C451FN
Description  ASYNCHRONOUS COMMUNICATIONS ELEMENTS
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TL16C451FN Datasheet(HTML) 21 Page - Texas Instruments

Back Button TL16C451FN Datasheet HTML 16Page - Texas Instruments TL16C451FN Datasheet HTML 17Page - Texas Instruments TL16C451FN Datasheet HTML 18Page - Texas Instruments TL16C451FN Datasheet HTML 19Page - Texas Instruments TL16C451FN Datasheet HTML 20Page - Texas Instruments TL16C451FN Datasheet HTML 21Page - Texas Instruments TL16C451FN Datasheet HTML 22Page - Texas Instruments TL16C451FN Datasheet HTML 23Page - Texas Instruments TL16C451FN Datasheet HTML 24Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 21 / 24 page
background image
TL16C451, TL16C452
ASYNCHRONOUS COMMUNICATIONS ELEMENTS
SLLS053C – MAY 1989 – REVISED AUGUST 1999
21
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
PRINCIPLES OF OPERATION
parallel port registers
The parallel port registers interface either device to a Centronix-style printer interface. When chip select 2 (CS2)
is low, the parallel port is selected. Tables 7 and 8 show the registers associated with this parallel port. The read
or write function of the register is controlled by the state of the read (IOR) and write (IOW) terminal as shown.
The read data register allows the microprocessor to read the information on the parallel bus.
The read status register allows the microprocessor to read the status of the printer in the five most significant
bits. The status bits are printer busy (BUSY), acknowledge (ACK) which is a handshake function, paper empty
(PE), printer selected (SLCT), and error (ERROR). The read control register allows the state of the control lines
to be read. The write control register sets the state of the control lines, which are interrupt enable (IRQ ENB),
select in (SLIN), initialize the printer (INIT), autofeed the paper (AFD), and strobe (STB), which informs the
printer of the presence of a valid byte on the parallel bus. These signals are cleared when a reset occurs. The
write data register allows the microprocessor to write a byte to the parallel bus. The parallel port is completely
compatible with the parallel port implementation used in the IBM serial/parallel adaptor.
Table 7. Parallel Port Registers
REGISTER
REGISTER BITS
REGISTER
BIT 7
BIT 6
BIT 5
BIT 4
BIT 3
BIT 2
BIT 1
BIT 0
Read data
PD7
PD6
PD5
PD4
PD3
PD2
PD1
PD0
Read status
BUSY
ACK
PE
SLCT
ERROR
1
1
1
Read control
1
1
1
IRQ ENB
SLIN
INIT
AFD
STB
Write data
PD7
PD6
PD5
PD4
PD3
PD2
PD1
PD0
Write control
1
1
1
IRQ ENB
SLIN
INIT
AFD
STB
Table 8. Parallel Port Register Select
CONTROL TERMINALS
REGISTER SELECTED
IOR
IOW
CS2
A1
A0
REGISTER SELECTED
L
H
L
L
L
Read data
L
H
L
L
H
Read status
L
H
L
H
L
Read control
L
H
L
H
H
Invalid
H
L
L
L
L
Write data
H
L
L
L
H
Invalid
H
L
L
H
L
Write control
H
L
L
H
H
Invalid



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com