Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FS451AC Datasheet(PDF) 14 Page - List of Unclassifed Manufacturers

Part # FS451AC
Description  i-Net TV Interface Video Processor
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

FS451AC Datasheet(HTML) 14 Page - List of Unclassifed Manufacturers

Back Button FS451AC Datasheet HTML 10Page - List of Unclassifed Manufacturers FS451AC Datasheet HTML 11Page - List of Unclassifed Manufacturers FS451AC Datasheet HTML 12Page - List of Unclassifed Manufacturers FS451AC Datasheet HTML 13Page - List of Unclassifed Manufacturers FS451AC Datasheet HTML 14Page - List of Unclassifed Manufacturers FS451AC Datasheet HTML 15Page - List of Unclassifed Manufacturers FS451AC Datasheet HTML 16Page - List of Unclassifed Manufacturers FS451AC Datasheet HTML 17Page - List of Unclassifed Manufacturers FS451AC Datasheet HTML 18Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 60 page
background image
FS450, FS451
PRELIMINARY PRODUCT DESCRIPTION
JUNE, 2000, VERSION 1.2
14
COPYRIGHT
©
© 1999, 2000 FOCUS ENHANCEMENTS, INC.
PRELIMINARY INFORM ATION
Pin
Name
Pin
Number
Type/Value
Pin Function Description
Video Outputs
Y/Red
12
analog video
Video output. As programmed by Command Register
OFMT bit:
0 Luminance component Y of S-video.
1 Red component of RGB.
CVBS/Green
15
analog video
Video output. As programmed by Command Register OFMT
bit:
0 Composite video.
1 Green component of RGB.
C/Blue
17
analog video
Video output. As programmed by Command Register OFMT
bit:
0 Chrominance component of S-video.
1 Blue component of RGB.
CSYNC
19
LVTTL output
Composite sync output. Active high digital composite sync
for SCART video outputs.
Voltage Reference
VREF
8
+1.276 V
Voltage reference input/output. If unconnected, except for
a 0.1µF capacitor to ground for noise decoupling, the internal
1.276 Volt band-gap reference will be supplied to the three
D/A Converters. An external 1.276 Volt reference connected
to the VREF pin, will override the internal voltage reference.
RREF
9
390/780
Ω
Reference resistor. Connected between RREF and ground,
this resistor sets the current range of the D/A converters.
Use 390
Ω for a 37.5Ω load and 780Ω for a 75Ω load.
CBYPASS
11
0.1
µF
Bypass Capacitor. A 0.1µF capacitor must be connected
between CBYPR and VDDDA to reduce noise at the D/A
outputs.
CCIR 656 Input Port
V656_IN7-0
99,98,97,9
6,94,93,92
,91
TTL input
(pull down)
Digital CCIR 656 port input. 8 bits wide. Y, Cr, Cb
multiplexed digital input port
HBNK_IN
89
TTL input
(pull down)
Digital TV Horizontal Blank input. Horizontal Blank for use
with the V656_IN ports.
VBNK_IN
88
TTL input
(pull down)
Digital TV Vertical Blank input. Vertical Blank for use with
the V656_IN ports.
FIELD_IN
87
TTL input
(pull down)
Digital TV Field input. Field bit for use with the V656_IN
ports.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com