Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FS451AC Datasheet(PDF) 35 Page - List of Unclassifed Manufacturers

Part # FS451AC
Description  i-Net TV Interface Video Processor
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

FS451AC Datasheet(HTML) 35 Page - List of Unclassifed Manufacturers

Back Button FS451AC Datasheet HTML 31Page - List of Unclassifed Manufacturers FS451AC Datasheet HTML 32Page - List of Unclassifed Manufacturers FS451AC Datasheet HTML 33Page - List of Unclassifed Manufacturers FS451AC Datasheet HTML 34Page - List of Unclassifed Manufacturers FS451AC Datasheet HTML 35Page - List of Unclassifed Manufacturers FS451AC Datasheet HTML 36Page - List of Unclassifed Manufacturers FS451AC Datasheet HTML 37Page - List of Unclassifed Manufacturers FS451AC Datasheet HTML 38Page - List of Unclassifed Manufacturers FS451AC Datasheet HTML 39Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 60 page
background image
FS450, FS451
PRELIMINARY PRODUCT DESCRIPTION
JUNE, 2000, VERSION 1.2
35
COPYRIGHT
©
© 1999,2000 FOCUS ENHANCEMENTS, INC.
PRELIMINARY INFORM ATION
6.2.15 FIFOL, FIFOH - FIFO Status Port Full/Empty
FIFO Status Port Full (36)
7
6
5
4
3
2
1
0
FFOL7
FFOL6
FFOL5
FFOL4
FFOL3
FFOL2
FFOL1
FFOL0
FIFO Status Port Empty (37)
7
6
5
4
3
2
1
0
FFOH7
FFOH6
FFOH5
FFOH4
FFOH3
FFOH2
FFOH1
FFOH0
Reg
Bit#
Bit Name
Description
36
7-0
FFOL7-0
FIFO Status Port Full [7:0]. Maximum number of FIFO memory
locations underrun during the VGA image (multiply by 4 to get
number of pixels corrupted). Unsigned number.
37
7-0
FFOH7-0
FIFO Status Port Empty [7:0]. Maximum number of FIFO
memory locations used during a VGA frame (multiply by 4 to get
number of pixels filled). Unsigned number.
Range: {0 : 255}
6.2.16 FFO_LAT - FIFO Latency
FIFO Latency Low (38)
7
6
5
4
3
2
1
0
FFO_LAT7
FFO_LAT6
FFO_LAT5
FFO_LAT4
FFO_LAT3
FFO_LAT2
FFO_LAT1
FFO_LAT0
FIFO Latency High High (39)
7
6
5
4
3
2
1
0
0
0
0
0
0
0
0
0
Reg
Bit#
Bit Name
Description
38
7-0
FFO_LAT7-0
FIFO Latency [7:0]. Number of output clock cycles between the
initiation of VGA writes to the FIFO memory and the TV reads from
it. Multiply by 4 to get the number of 27 MHz clock delays.
Range: {0 : 255}



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com