Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FS451AC Datasheet(PDF) 34 Page - List of Unclassifed Manufacturers

Part # FS451AC
Description  i-Net TV Interface Video Processor
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

FS451AC Datasheet(HTML) 34 Page - List of Unclassifed Manufacturers

Back Button FS451AC Datasheet HTML 30Page - List of Unclassifed Manufacturers FS451AC Datasheet HTML 31Page - List of Unclassifed Manufacturers FS451AC Datasheet HTML 32Page - List of Unclassifed Manufacturers FS451AC Datasheet HTML 33Page - List of Unclassifed Manufacturers FS451AC Datasheet HTML 34Page - List of Unclassifed Manufacturers FS451AC Datasheet HTML 35Page - List of Unclassifed Manufacturers FS451AC Datasheet HTML 36Page - List of Unclassifed Manufacturers FS451AC Datasheet HTML 37Page - List of Unclassifed Manufacturers FS451AC Datasheet HTML 38Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 60 page
background image
FS450, FS451
PRELIMINARY PRODUCT DESCRIPTION
JUNE, 2000, VERSION 1.2
34
COPYRIGHT
©
© 1999, 2000 FOCUS ENHANCEMENTS, INC.
PRELIMINARY INFORM ATION
6.2.14 MISC - Miscellaneous Bits 34, 35 Register
Miscellaneous Bits Register (34)
7
6
5
4
3
2
1
0
0
0
NCO_LOAD1
NCO_LOAD0
0
0
0
0
Miscellaneous Bits Register (35)
7
6
5
4
3
2
1
0
GTLIO_PD
0
0
0
0
0
VGACKDIV
0
Reg
Bit#
Bit Name
Description
34
5,4
NCO_LOAD1-0
NCO Load Control Bits. The PLL M and N dividers and the
NCO Numerator (NCON) and denominator (NCOD) share the
same address (separate memory). The NCO Load Control bits
determine which registers are loaded when the NCON and
NCOD registers are written (see table below). M uses the lower
11 bits of NCON, and N uses the lower 11 bits of NCOD.
35
1
VGACKDIV
VGA Clock Divide. Setting this bit divides the internal clock by
2 when the VGA input is in decimation (for XGA) mode.
35
7
GTLIO_PD
GTL I/O Power Down. Setting this bit puts all the GTL pins
into power down mode.
Notes:
NCO_LOAD
Meaning
0
Load NCO Numerator and Denominator only.
1
Load M and N PLL Dividers only.
2
Load NCO Numerator and Denominator and
set M=512, N=128.
3
Load M and N PLL Dividers and set NCO
Numerator and Denominator both to 50.
Table 5: NCO_LOAD Control Bits
1)
M is loaded with the desired value -2
2)
N is loaded with the desired value -1
3)
Using the 24 bit NCON and NCOD yields a very fine frequency resolution of 1.5 Hz but dithers the clock.
The speed of the clock dither is sufficiently limited by the narrowband (around 5 kHz) PLL to prevent any
problem with data transfers to the FS450. In fact, it provides an advantage for passing EMI certification
and behaves much like off the shelf dithered clocks designed specifically for that purpose.
4)
Using the 11 bit M/N ratio gives a frequency resolution of 13 kHz, but it has no dithering. This is ideal for
dual VGA monitor and TV applications. Dithering the clock to a VGA controller makes the lines wiggle on
the connected VGA monitor, making it difficult to read. This however limits the scaling possibilities, and
close attention has to be paid to the factors of the VGA/TV pixels and lines so that they cancel down to 11
bit M and N numbers.
5)
Both M/N and Numerator/Denominator can be used together, to generate a compromise performance.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com