Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FS451AC Datasheet(PDF) 28 Page - List of Unclassifed Manufacturers

Part # FS451AC
Description  i-Net TV Interface Video Processor
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

FS451AC Datasheet(HTML) 28 Page - List of Unclassifed Manufacturers

Back Button FS451AC Datasheet HTML 24Page - List of Unclassifed Manufacturers FS451AC Datasheet HTML 25Page - List of Unclassifed Manufacturers FS451AC Datasheet HTML 26Page - List of Unclassifed Manufacturers FS451AC Datasheet HTML 27Page - List of Unclassifed Manufacturers FS451AC Datasheet HTML 28Page - List of Unclassifed Manufacturers FS451AC Datasheet HTML 29Page - List of Unclassifed Manufacturers FS451AC Datasheet HTML 30Page - List of Unclassifed Manufacturers FS451AC Datasheet HTML 31Page - List of Unclassifed Manufacturers FS451AC Datasheet HTML 32Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 60 page
background image
FS450, FS451
PRELIMINARY PRODUCT DESCRIPTION
JUNE, 2000, VERSION 1.2
28
COPYRIGHT
©
© 1999, 2000 FOCUS ENHANCEMENTS, INC.
PRELIMINARY INFORM ATION
6.2.10 APO, ALO, AFO - Auxiliary Pixel, Line, and Field Offsets
Auxiliary Pixel Offset Low (18)
7
6
5
4
3
2
1
0
APO7
APO6
APO5
APO4
APO3
APO2
APO1
APO0
Auxiliary Pixel Offset High (19)
7
6
5
4
3
2
1
0
0
0
0
0
0
0
APO9
APO8
Auxiliary Line Offset (1A)
7
6
5
4
3
2
1
0
-
ALO6
ALO5
ALO4
ALO3
ALO2
ALO1
ALO0
Not Used (1B)
7
6
5
4
3
2
1
0
0
0
0
0
0
0
0
0
Auxiliary Field Offset (1C)
7
6
5
4
3
2
1
0
0
0
0
0
0
0
0
AFO0
Not Used (1D)
7
6
5
4
3
2
1
0
0
0
0
0
0
0
0
0
Reg
Bit#
Bit Name
Description
19, 18
9-0
APO9-0
Auxiliary Pixel Offset [9:0]. Number of 27MHz cycles of
delay/advance of the Auxiliary Video Reference signals. APO is a
10 bit signed number.
1A
6-0
ALO6-0
Auxiliary Line Offset [6:0]. Number of lines of delay/advance of
the Auxiliary Video Reference signals. AFO is a 7 bit signed
number.
1C
0
AFO
Auxiliary Field Offset [0]. Inverts the field of the Auxiliary Video
Reference signals.
APO Range: {-512 : 511}, ALO Range: {-64 : 63}, AFO Range: {0 : 1}



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com