Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FS451AC Datasheet(PDF) 40 Page - List of Unclassifed Manufacturers

Part # FS451AC
Description  i-Net TV Interface Video Processor
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

FS451AC Datasheet(HTML) 40 Page - List of Unclassifed Manufacturers

Back Button FS451AC Datasheet HTML 36Page - List of Unclassifed Manufacturers FS451AC Datasheet HTML 37Page - List of Unclassifed Manufacturers FS451AC Datasheet HTML 38Page - List of Unclassifed Manufacturers FS451AC Datasheet HTML 39Page - List of Unclassifed Manufacturers FS451AC Datasheet HTML 40Page - List of Unclassifed Manufacturers FS451AC Datasheet HTML 41Page - List of Unclassifed Manufacturers FS451AC Datasheet HTML 42Page - List of Unclassifed Manufacturers FS451AC Datasheet HTML 43Page - List of Unclassifed Manufacturers FS451AC Datasheet HTML 44Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 60 page
background image
FS450, FS451
PRELIMINARY PRODUCT DESCRIPTION
JUNE, 2000, VERSION 1.2
40
COPYRIGHT
©
© 1999, 2000 FOCUS ENHANCEMENTS, INC.
PRELIMINARY INFORM ATION
6.2.21 HSync Width (48), Burst Width (49)
HSync Width (48)
7
6
5
4
3
2
1
0
HSYNC_WID7
HSYNC_WID6
HSYNC_WID5
HSYNC_WID4
HSYNC_WID3
HSYNC_WID2
HSYNC_WID1
HSYNC_WID0
Burst Width (49)
7
6
5
4
3
2
1
0
-
BURST_WID6
BURST_WID5
BURST_WID4
BURST_WID3
BURST_WID2
BURST_WID1
BURST_WID0
Reg
Bit#
Bit Name
Description
48
7-0
HSYNC_WID7-0
HSync Width. Width of HSync in 27MHz clocks (LSB bit 0 is
tied to zero).
49
6-0
BURST_WID6-0
Burst Width. Width of the burst in 27MHz clocks.
6.2.22 Back Porch Width (4A), Cb Burst Amplitude (4B)
Back Porch Width (4A)
7
6
5
4
3
2
1
0
BPORCH7
BPORCH6
BPORCH5
BPORCH4
BPORCH3
BPORCH2
BPORCH1
BPORCH0
Cb Burst Amplitude (4B)
7
6
5
4
3
2
1
0
CB_BURST7 CB_BURST6 CB_BURST5 CB_BURST4 CB_BURST3 CB_BURST2 CB_BURST1 CB_BURST0
Reg
Bit#
Bit Name
Description
4A
7-0
BPORCH7-0
Back Porch Width. Width of the back porch in 27MHz clocks
(LSB bit 0 is tied to zero).
4B
7-0
CB_BURST7-0
Cb Burst Amplitude Setting. Range {-127:127}



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com