Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TVP5146M2IPFPR Datasheet(PDF) 32 Page - Texas Instruments

Part # TVP5146M2IPFPR
Description  NTSC/PAL/SECAM 4×10-Bit Digital Video Decoder With Macrovision™ Detection, YPbPr Inputs, 5-Line Comb Filter, and SCART Support
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TVP5146M2IPFPR Datasheet(HTML) 32 Page - Texas Instruments

Back Button TVP5146M2IPFPR Datasheet HTML 28Page - Texas Instruments TVP5146M2IPFPR Datasheet HTML 29Page - Texas Instruments TVP5146M2IPFPR Datasheet HTML 30Page - Texas Instruments TVP5146M2IPFPR Datasheet HTML 31Page - Texas Instruments TVP5146M2IPFPR Datasheet HTML 32Page - Texas Instruments TVP5146M2IPFPR Datasheet HTML 33Page - Texas Instruments TVP5146M2IPFPR Datasheet HTML 34Page - Texas Instruments TVP5146M2IPFPR Datasheet HTML 35Page - Texas Instruments TVP5146M2IPFPR Datasheet HTML 36Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 109 page
background image
TVP5146M2
SLES141H
– JULY 2005 – REVISED FEBRUARY 2012
www.ti.com
2.6
I
2C Host Interface
Communication with the TVP5146M2 decoder is via an I2C host interface. The I2C standard consists of
two signals, the serial input/output data (SDA) line and the serial input clock line (SCL), which carry
information between the devices connected to the bus. A third signal (I2CA) is used for slave address
selection. Although an I2C system can be multimastered, the TVP5146M2 decoder functions as a slave
device only.
Because SDA and SCL are kept open drain at a logic-high output level or when the bus is not driven, the
user must connect SDA and SCL to a positive supply voltage via a pullup resistor on the board. The slave
addresses select signal, terminal 37 (I2CA), enables the use of two TVP5146M2 devices tied to the same
I2C bus, because it controls the least-significant bit of the I2C device address.
Table 2-4. I2C Host Interface Terminal Description
SIGNAL
TYPE
DESCRIPTION
I2CA
I
Slave address selection
SCL
I/O
Input/output clock line
SDA
I/O
Input/output data line
2.6.1
Reset and I
2C Bus Address Selection
The TVP5146M2 decoder can respond to two possible chip addresses. The address selection is made at
reset by an externally supplied level on the I2CA terminal. The TVP5146M2 decoder samples the level of
terminal 37 at power up or at the trailing edge of RESETB and configures the I2C bus address bit A0.
Table 2-5. I2C Address Selection
A6
A5
A4
A3
A2
A1
A0 (I2CA)
R/W
HEX
1
0
1
1
1
0
0 (default)
1/0
B9/B8
1
0
1
1
1
0
1(1)
1/0
BB/BA
(1)
If terminal 37 is strapped to DVDD via a 2.2-k
Ω resistor, I2C device address A0 is set to 1.
2.6.2
I
2C Operation
Data transfers occur using the following illustrated formats.
S
10111000
ACK
Subaddress
ACK
Send Data
ACK
P
Read from I2C control registers
S
10111000
ACK
Subaddress
ACK
S
10111001
ACK
Receive Data
NAK
P
S = I2C bus start condition
P = I2C bus stop condition
ACK = Acknowledge generated by the slave
NAK = Acknowledge generated by the master, for multiple-byte read master with ACK each
byte except last byte
Subaddress = Subaddress byte
Data = Data byte. If more than one byte of data is transmitted (read and write), the
subaddress pointer is automatically incremented.
I2C bus address = Example shown that I2CA is in default mode [write (B8h), read (B9h)]
32
Functional Description
Copyright
© 2005–2012, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s): TVP5146M2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com