Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TVP5146M2IPFPR Datasheet(PDF) 53 Page - Texas Instruments

Part # TVP5146M2IPFPR
Description  NTSC/PAL/SECAM 4×10-Bit Digital Video Decoder With Macrovision™ Detection, YPbPr Inputs, 5-Line Comb Filter, and SCART Support
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TVP5146M2IPFPR Datasheet(HTML) 53 Page - Texas Instruments

Back Button TVP5146M2IPFPR Datasheet HTML 49Page - Texas Instruments TVP5146M2IPFPR Datasheet HTML 50Page - Texas Instruments TVP5146M2IPFPR Datasheet HTML 51Page - Texas Instruments TVP5146M2IPFPR Datasheet HTML 52Page - Texas Instruments TVP5146M2IPFPR Datasheet HTML 53Page - Texas Instruments TVP5146M2IPFPR Datasheet HTML 54Page - Texas Instruments TVP5146M2IPFPR Datasheet HTML 55Page - Texas Instruments TVP5146M2IPFPR Datasheet HTML 56Page - Texas Instruments TVP5146M2IPFPR Datasheet HTML 57Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 109 page
background image
TVP5146M2
www.ti.com
SLES141H
– JULY 2005 – REVISED FEBRUARY 2012
Table 2-42. Fast-Switch Control Register
Subaddress
28h
Default
CCh
7
6
5
4
3
2
1
0
Mode [2:0]
Reserved
FSS edge
Reserved
Polarity FSS
Mode [2:0]:
000 = CVBS
↔ SCART
001 = Reserved
010 = Reserved
011 = Reserved
100 = Reserved
101 = Reserved
110 = Composite (default)
111 = Component only
FSS edge:
FSS is sampled at the rising or falling edge of the sampling clock
0 = Rising edge
1 = Falling edge (default)
Polarity FSS:
0 = 0: YCbCr/RGB, 1: CVBS (4A) (default)
1 = 0: CVBS (4A), 1: YCbCr/RGB
Table 2-43. Fast-Switch SCART Delay Register
Subaddress
2Ah
Default
00h
7
6
5
4
3
2
1
0
Reserved
FSS delay [4:0]
FSS delay [4:0]:
Adjusts the delay between the FSS and component RGB/YPbPr
0 1111 = 15 pixel delay
0 0001 = 1 pixel delay
0 0000 = 0 delay (default)
1 1111 =
–1 pixel delay
1 0000 =
–26 pixel delay
Table 2-44. SCART Delay Register
Subaddress
2Ch
Default
00h
7
6
5
4
3
2
1
0
Reserved
SCART delay [6:0]
SCART delay [4:0]:
Adjusts delay between the CVBS and component (RGB) video
0 1111 = 15 pixel delay
0 0001 = 1 pixel delay
0 0000 = 0 delay (default)
1 1111 =
–1 pixel delay
1 0000 =
–16 pixel delay
Copyright
© 2005–2012, Texas Instruments Incorporated
Functional Description
53
Submit Documentation Feedback
Product Folder Link(s): TVP5146M2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com