Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TVP5146M2IPFPR Datasheet(PDF) 70 Page - Texas Instruments

Part # TVP5146M2IPFPR
Description  NTSC/PAL/SECAM 4×10-Bit Digital Video Decoder With Macrovision™ Detection, YPbPr Inputs, 5-Line Comb Filter, and SCART Support
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TVP5146M2IPFPR Datasheet(HTML) 70 Page - Texas Instruments

Back Button TVP5146M2IPFPR Datasheet HTML 66Page - Texas Instruments TVP5146M2IPFPR Datasheet HTML 67Page - Texas Instruments TVP5146M2IPFPR Datasheet HTML 68Page - Texas Instruments TVP5146M2IPFPR Datasheet HTML 69Page - Texas Instruments TVP5146M2IPFPR Datasheet HTML 70Page - Texas Instruments TVP5146M2IPFPR Datasheet HTML 71Page - Texas Instruments TVP5146M2IPFPR Datasheet HTML 72Page - Texas Instruments TVP5146M2IPFPR Datasheet HTML 73Page - Texas Instruments TVP5146M2IPFPR Datasheet HTML 74Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 109 page
background image
TVP5146M2
SLES141H
– JULY 2005 – REVISED FEBRUARY 2012
www.ti.com
Table 2-76. AGC White Peak Processing Register
Subaddress
74h
Default
00h
7
6
5
4
3
2
1
0
Luma peak A
Reserved
Color burst A
Sync height A
Luma peak B
Composite
Color burst B
Sync height B
peak
Luma peak A:
Use of the luma peak as a video amplitude reference for the back-end feed-forward type AGC algorithm
0 = Enabled (default)
1 = Disabled
Color burst A:
Use of the color burst amplitude as a video amplitude reference for the back-end
Note: Not available for SECAM, component, and B/W video sources.
0 = Enabled (default)
1 = Disabled
Sync height A:
Use of the sync height as a video amplitude reference for the back-end feed-forward type AGC algorithm
0 = Enabled (default)
1 = Disabled
Luma peak B:
Use of the luma peak as a video amplitude reference for front-end feedback type AGC algorithm
0 = Enabled (default)
1 = Disabled
Composite peak:
Use of the composite peak as a video amplitude reference for front-end feedback type AGC algorithm
Note: Required for CVBS and SCART (with color burst) video sources.
0 = Enabled (default)
1 = Disabled
Color burst B:
Use of the color burst amplitude as a video amplitude reference for front-end feedback type AGC algorithm
Note: Not available for SECAM, component, and B/W video sources
0 = Enabled (default)
1 = Disabled
Sync height B:
Use of the sync-height as a video amplitude reference for front-end feedback type AGC algorithm
0 = Enabled (default)
1 = Disabled
Note: If all 4 bits of the lower nibble are set to logic 1 (that is, no amplitude reference selected), then the front-end analog and digital
gains are automatically set to nominal values of 2 and 2304, respectively.
If all 4 bits of the upper nibble are set to logic 1 (that is, no amplitude reference selected), then the back-end gain is set automatically to
unity.
If the input sync height is greater than 100% and the AGC-adjusted output video amplitude becomes less than 100%, then the back-end
scale factor attempts to increase the contrast in the back end to restore the video amplitude to 100%.
70
Functional Description
Copyright
© 2005–2012, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s): TVP5146M2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com