Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TVP5146M2IPFPR Datasheet(PDF) 78 Page - Texas Instruments

Part # TVP5146M2IPFPR
Description  NTSC/PAL/SECAM 4×10-Bit Digital Video Decoder With Macrovision™ Detection, YPbPr Inputs, 5-Line Comb Filter, and SCART Support
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TVP5146M2IPFPR Datasheet(HTML) 78 Page - Texas Instruments

Back Button TVP5146M2IPFPR Datasheet HTML 74Page - Texas Instruments TVP5146M2IPFPR Datasheet HTML 75Page - Texas Instruments TVP5146M2IPFPR Datasheet HTML 76Page - Texas Instruments TVP5146M2IPFPR Datasheet HTML 77Page - Texas Instruments TVP5146M2IPFPR Datasheet HTML 78Page - Texas Instruments TVP5146M2IPFPR Datasheet HTML 79Page - Texas Instruments TVP5146M2IPFPR Datasheet HTML 80Page - Texas Instruments TVP5146M2IPFPR Datasheet HTML 81Page - Texas Instruments TVP5146M2IPFPR Datasheet HTML 82Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 78 / 109 page
background image
TVP5146M2
SLES141H
– JULY 2005 – REVISED FEBRUARY 2012
www.ti.com
Table 2-96. VDP Pixel Alignment Register
Subaddress
C2h-C3h
Default
01Eh
Subaddress
7
6
5
4
3
2
1
0
C2h
Pixel alignment [7:0]
C3h
Reserved
Pixel alignment [9:0]
Pixel alignment [9:0]:
These registers form a 10-bit horizontal pixel position from the falling edge of horizontal sync, where the VDP controller initiates the
program from one line standard to the next line standard. For example, the previous line of teletext to the next line of closed caption.
This value must be set so that the switch occurs after the previous transaction has cleared the delay in the VDP, but early enough to
allow the new values to be programmed before the current settings are required.
The default value is 0x1E and has been tested with every standard supported here. A new value is needed only if a custom standard is
in use.
Table 2-97. VDP Line Start Register
Subaddress
D6h
Default
06h
7
6
5
4
3
2
1
0
VDP line start [7:0]
VDP line start [7:0]:
Sets the VDP line starting address
This register must be set properly before enabling the line mode registers. VDP processor works only in the VBI region set by this
register and the VDP line stop register at subaddress D7h.
Table 2-98. VDP Line Stop Register
Subaddress
D7h
Default
1Bh
7
6
5
4
3
2
1
0
VDP line stop [7:0]
VDP line stop [7:0]:
Sets the VDP stop line address
Table 2-99. VDP Global Line Mode Register
Subaddress
D8h
Default
FFh
7
6
5
4
3
2
1
0
Global line mode [7:0]
Global line mode [7:0]:
VDP processing for multiple lines set by the VDP start line register at subaddress D6h and the VDP stop line register at subaddress
D7h.
Global line mode register has the same bit definitions as the line mode registers (see Table 2-121).
General line mode has priority over the global line mode.
78
Functional Description
Copyright
© 2005–2012, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s): TVP5146M2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com