Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TVP5146M2IPFPR Datasheet(PDF) 39 Page - Texas Instruments

Part # TVP5146M2IPFPR
Description  NTSC/PAL/SECAM 4×10-Bit Digital Video Decoder With Macrovision™ Detection, YPbPr Inputs, 5-Line Comb Filter, and SCART Support
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TVP5146M2IPFPR Datasheet(HTML) 39 Page - Texas Instruments

Back Button TVP5146M2IPFPR Datasheet HTML 35Page - Texas Instruments TVP5146M2IPFPR Datasheet HTML 36Page - Texas Instruments TVP5146M2IPFPR Datasheet HTML 37Page - Texas Instruments TVP5146M2IPFPR Datasheet HTML 38Page - Texas Instruments TVP5146M2IPFPR Datasheet HTML 39Page - Texas Instruments TVP5146M2IPFPR Datasheet HTML 40Page - Texas Instruments TVP5146M2IPFPR Datasheet HTML 41Page - Texas Instruments TVP5146M2IPFPR Datasheet HTML 42Page - Texas Instruments TVP5146M2IPFPR Datasheet HTML 43Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 109 page
background image
TVP5146M2
www.ti.com
SLES141H
– JULY 2005 – REVISED FEBRUARY 2012
Table 2-10. I2C Register Summary(1) (continued)
I2C
REGISTER NAME
DEFAULT
R/W
SUBADDRESS
Fast-switch control
28h
CCh
R/W
Reserved
29h
Fast-switch SCART delay
2Ah
00h
R/W
Reserved
2Bh
SCART delay
2Ch
00h
R/W
CTI delay
2Dh
00h
R/W
CTI control
2Eh
00h
R/W
Brightness and Contrast Range Extender
2Fh
00h
R/W
Reserved
30h-31h
Sync control
32h
00h
R/W
Output formatter 1
33h
40h
R/W
Output formatter 2
34h
00h
R/W
Output formatter 3
35h
FFh
R/W
Output formatter 4
36h
FFh
R/W
Output formatter 5
37h
FFh
R/W
Output formatter 6
38h
FFh
R/W
Clear lost lock detect
39h
00h
R/W
Status 1
3Ah
R
Status 2
3Bh
R
AGC gain status
3Ch-3Dh
R
Reserved
3Eh
Video standard status
3Fh
R
GPIO input 1
40h
R
GPIO input 2
41h
R
Reserved
42h-45h
R
AFE coarse gain for CH1
46h
20h
R/W
AFE coarse gain for CH2
47h
20h
R/W
AFE coarse gain for CH3
48h
20h
R/W
AFE coarse gain for CH4
49h
20h
R/W
AFE fine gain for Pb_B
4Ah-4Bh
900h
R/W
AFE fine gain for Y_G_Chroma
4Ch-4Dh
900h
R/W
AFE fine gain for Pr_R
4Eh-4Fh
900h
R/W
AFE fine gain for CVBS_Luma
50h-51h
900h
R/W
Reserved
52h-68h
F-bit and V-bit control 1
69h
00h
R/W
Reserved
6Ah-6Bh
Back-end AGC Control
6Ch
08h
R/W
Reserved
6Dh-6Eh
AGC decrement speed control
6Fh
04h
R/W
ROM version
70h
R
RAM Version MSB
71h
R
Reserved
72h-73h
AGC white peak processing
74h
00h
R/W
F-bit and V-bit control 2
75h
16h
R/W
VCR trick mode control
76h
8Ah
R/W
Horizontal shake increment
77h
64h
R/W
AGC increment speed
78h
05h
R/W
Copyright
© 2005–2012, Texas Instruments Incorporated
Functional Description
39
Submit Documentation Feedback
Product Folder Link(s): TVP5146M2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com