Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADS7835E/250 Datasheet(PDF) 5 Page - Texas Instruments

Part # ADS7835E/250
Description  12-Bit, High-Speed, Low Power Sampling ANALOG-TO-DIGITAL CONVERTER
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ADS7835E/250 Datasheet(HTML) 5 Page - Texas Instruments

  ADS7835E/250 Datasheet HTML 1Page - Texas Instruments ADS7835E/250 Datasheet HTML 2Page - Texas Instruments ADS7835E/250 Datasheet HTML 3Page - Texas Instruments ADS7835E/250 Datasheet HTML 4Page - Texas Instruments ADS7835E/250 Datasheet HTML 5Page - Texas Instruments ADS7835E/250 Datasheet HTML 6Page - Texas Instruments ADS7835E/250 Datasheet HTML 7Page - Texas Instruments ADS7835E/250 Datasheet HTML 8Page - Texas Instruments ADS7835E/250 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 21 page
background image
5
ADS7835
®
TYPICAL PERFORMANCE CURVES (Cont.)
At TA = +25°C, +VCC = +5V, fSAMPLE = 500kHz, fCLK = 16 • fSAMPLE, and internal +2.5V reference, unless otherwise specified.
PEAK-TO-PEAK NOISE
vs EXTERNAL REFERENCE VOLTAGE
2.2
2
2.5
2.1
2.3
External Reference Voltage (V)
0.90
0.85
0.80
0.75
0/70
0.65
0.60
0.55
0.50
2.4
CHANGE END-POINT ERRORS
vs EXTERNAL REFERENCE VOLTAGE
External Reference Voltage (V)
4.0
3.0
2.0
1.0
0.0
–1.0
–2.0
–3.0
–4.0
–5.0
2.2
2.4
2.6
3.0
2.8
Positive Full-Scale Error
and Bipolar Offset Error
Negative Full-Scale Error
POWER SUPPLY REJECTION RATIO
vs POWER SUPPLY RIPPLE FREQUENCY
11M
10
100
1k
Power Supply Ripple Frequency (Hz)
30
25
20
15
10
5
0
10k
100k
0
0
50
100
150
200
250
Frequency (kHz)
–120
–100
–80
–60
–40
–20
FREQUENCY SPECTRUM
(4096 Point FFT; f
IN = 977Hz, –0.2dB)
0
–20
–40
–60
–80
–100
–120
0
50
100
150
200
250
Frequency (kHz)
FREQUENCY SPECTRUM
(4096 Point FFT; f
IN = 9.77kHz, –0.2dB)
0
–20
–40
–60
–80
–100
–120
0
50
100
150
200
250
Frequency (kHz)
FREQUENCY SPECTRUM
(4096 Point FFT; f
IN = 99.7kHz, –0.2dB)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com