Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADS7835E/250 Datasheet(PDF) 12 Page - Texas Instruments

Part # ADS7835E/250
Description  12-Bit, High-Speed, Low Power Sampling ANALOG-TO-DIGITAL CONVERTER
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ADS7835E/250 Datasheet(HTML) 12 Page - Texas Instruments

Back Button ADS7835E/250 Datasheet HTML 8Page - Texas Instruments ADS7835E/250 Datasheet HTML 9Page - Texas Instruments ADS7835E/250 Datasheet HTML 10Page - Texas Instruments ADS7835E/250 Datasheet HTML 11Page - Texas Instruments ADS7835E/250 Datasheet HTML 12Page - Texas Instruments ADS7835E/250 Datasheet HTML 13Page - Texas Instruments ADS7835E/250 Datasheet HTML 14Page - Texas Instruments ADS7835E/250 Datasheet HTML 15Page - Texas Instruments ADS7835E/250 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 21 page
background image
12
ADS7835
®
logic.
DATA FORMAT
The ADS7835 output data is in Binary Two’s Complement
format as shown in Table III. This table shows the ideal
output code for the given input voltage and does not include
Figure 7 shows a timing diagram that might be used with a
typical digital signal processor such as a TI DSP. For the
Buffered Serial Port (BSP) on the TMS320C54X family,
CONV would tied to BFSX, CLK would be tied to BCLKX,
and DATA would be tied to BDR.
SPI/QSPI INTERFACING
Figure 8 shows the timing diagram for a typical Serial
Peripheral Interface (SPI) or Queued Serial Peripheral Inter-
face (QSPI). Such interfaces are found on a number of
microcontrollers from various manufacturers. CONV would
be tied to a general purpose I/O pin (SPI) or to a PCX pin
(QSPI), CLK would be tied to the serial clock, and DATA
would be tied to the serial input data pin such as MISO
(Master In Slave Out).
Note the time tDRP shown in Figure 8. This represents the
maximum amount of time between CONV going LOW and
the start of the conversion clock. Since CONV going LOW
places the S/H in the hold mode and because the hold
capacitor loses charge over time, there is a requirement that
time tDRP be met as well as the maximum clock period
D11
(MSB)
DATA
CLK
CONV
D10
D1
D0
(LSB)
23
1
4
13
14
15
16
1
2
3
D11
(MSB)
t
ACQ
t
DRP
FIGURE 8. Typical SPI/QSPI Interface Timing.
FIGURE 7. Typical DSP Interface Timing.
D11
(MSB)
DATA
CLK
CONV
D10
D1
D0
(LSB)
12
15
16
3
12
13
14
15
16
1
2
3
4
D11
(MSB)
D10
D9
DESCRIPTION
ANALOG INPUT
DIGITAL OUTPUT
Full-Scale Input
BINARY TWO’S
Range
–VREF to +VREF(1)
COMPLEMENT
Least Significant Bit
BINARY
HEX
(LSB)(2)
(–VREF to +VREF)/4096
CODE
CODE
+Full Scale
2.49878V
0111 1111 1111
7FF
Mid-Scale
0V
0000 0000 0000
000
Mid-Scale –1LSB
–0.00122V
1111 1111 1111
FFF
–Full Scale
–2.49878V
1000 0000 0000
800
NOTES: (1) –2.5V to +2.5V when the internal reference is used. (2) 1.22mV
with a 2.5V reference.
TABLE III. Ideal Input Voltages and Output Codes.
the effects of offset, gain, or noise.
DSP INTERFACING



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com