Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADS7835E/250 Datasheet(PDF) 6 Page - Texas Instruments

Part # ADS7835E/250
Description  12-Bit, High-Speed, Low Power Sampling ANALOG-TO-DIGITAL CONVERTER
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ADS7835E/250 Datasheet(HTML) 6 Page - Texas Instruments

Back Button ADS7835E/250 Datasheet HTML 2Page - Texas Instruments ADS7835E/250 Datasheet HTML 3Page - Texas Instruments ADS7835E/250 Datasheet HTML 4Page - Texas Instruments ADS7835E/250 Datasheet HTML 5Page - Texas Instruments ADS7835E/250 Datasheet HTML 6Page - Texas Instruments ADS7835E/250 Datasheet HTML 7Page - Texas Instruments ADS7835E/250 Datasheet HTML 8Page - Texas Instruments ADS7835E/250 Datasheet HTML 9Page - Texas Instruments ADS7835E/250 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 21 page
background image
6
ADS7835
®
TYPICAL PERFORMANCE CURVES (Cont.)
At TA = +25°C, +VCC = +5V, fSAMPLE = 500kHz, fCLK = 16 • fSAMPLE, and internal +2.5V reference, unless otherwise specified.
Input Frequency (kHz)
75
73
71
69
67
65
63
1
10
100
1000
SIGNAL-TO-NOISE and
SIGNAL-TO-(NOISE + DISTORTION)
vs INPUT FREQUENCY
SINAD
SNR
CHANGE IN SIGNAL-TO-NOISE and
SIGNAL-TO-(NOISE+DISTORTION)
vs TEMPERATURE
20
–40
80
100
–20
0
40
Temperature (
°C)
0.5
0.4
0.3
0.2
0.1
0.0
–0.1
–0.2
–0.3
–0.4
–0.5
60
f
IN = 10kHz, –0.2dB
SINAD
SNR
2.0
1.5
1.0
0.5
0.0
–0.5
–1.0
–1.5
–2.0
–40
–20
0
20
40
60
80
100
f
IN = 10kHz, –0.2dB
SFDR
THD
∗
∗First nine harmonics
of the input frequency
Temperature (
°C)
CHANGE IN SPURIOUS FREE DYNAMIC RANGE
and TOTAL HARMONIC DISTORTION
vs TEMPERATURE
1.0
0.8
0.6
0.4
0.2
0.0
–0.2
0
100
200
300
400
500
600
700
Sample Rate (kHz)
CHANGE IN BIPOLAR OFFSET ERROR
vs SAMPLE RATE
Input Frequency (kHz)
90
85
80
75
70
65
1
10
100
1000
THDT
SFDR
T First nine harmonics
of the input frequency
SPURIOUS FREE DYNAMIC RANGE and
TOTAL HARMONIC DISTORTION
vs INPUT FREQUENCY



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com