Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADS7835E/250 Datasheet(PDF) 10 Page - Texas Instruments

Part # ADS7835E/250
Description  12-Bit, High-Speed, Low Power Sampling ANALOG-TO-DIGITAL CONVERTER
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ADS7835E/250 Datasheet(HTML) 10 Page - Texas Instruments

Back Button ADS7835E/250 Datasheet HTML 6Page - Texas Instruments ADS7835E/250 Datasheet HTML 7Page - Texas Instruments ADS7835E/250 Datasheet HTML 8Page - Texas Instruments ADS7835E/250 Datasheet HTML 9Page - Texas Instruments ADS7835E/250 Datasheet HTML 10Page - Texas Instruments ADS7835E/250 Datasheet HTML 11Page - Texas Instruments ADS7835E/250 Datasheet HTML 12Page - Texas Instruments ADS7835E/250 Datasheet HTML 13Page - Texas Instruments ADS7835E/250 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 21 page
background image
10
ADS7835
®
D11
(MSB)
DATA
HOLD
SAMPLE
SAMPLE
HOLD
CLK
CONV
SAMPLE/HOLD
MODE
POWER MODE
FULL POWER
FULL POWER
LOW POWER
D10
D1
D0
(LSB)
t
CKPD
t
CVPU
t
CVSP
12
3
12
13
t
ACQ
CONVERSION IN PROGRESS
IDLE
IDLE
INTERNAL
CONVERSION
STATE
NOTES: (1) The low power mode (“power-down”) is entered when CONV remains LOW during the conversion and is still LOW at the
start of the 13th clock cycle. (2) The low power mode is exited when CONV goes HIGH. (3) When in power-down, the transition from
hold mode to sample mode is initiated by CONV going HIGH.
(1)
(2)
(3)
FIGURE 4. Power-Down Timing.
D11
(MSB)
DATA
CONVERSION IN PROGRESS
IDLE
LOW...
IDLE
CLK
CONV
POWER MODE
FULL POWER
LOW POWER
D10
D1
D0
(LSB)
1
2
3
1213
14
2324
D1
D10
D11
(MSB)
INTERNAL
CONVERSION
STATE
t
CVDD
t
CKCS
t
CKCH
t
CVPD
t
CVH
HOLD
SAMPLE
SAMPLE/HOLD
MODE
NOTES: (1) The serial data can be transmitted LSB-first by pulling CONV LOW during the 13th clock cycle. (2) After the MSB has been
transmitted, the DATA output pin will remain LOW until CONV goes HIGH. (3) When CONV is taken LOW to initiate the LSB first transfer,
the converter enters the power-down mode.
(1)
(2)
(3)
FIGURE 5. Serial Data “LSB-First” Timing.
typical performance curve “Supply Current vs Sample Rate.”
In contrast, the second method (clocking at a fixed rate)
means that each conversion takes X clock cycles. As the
time between conversions get longer, the converter remains
in power-down an increasing percentage of time. This re-
duces total power consumption by a considerable amount.
For example, a 50kHz conversion rate results in roughly
1/10 of the power (minus the reference) that is used at a



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com