Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADS7835E/250 Datasheet(PDF) 11 Page - Texas Instruments

Part # ADS7835E/250
Description  12-Bit, High-Speed, Low Power Sampling ANALOG-TO-DIGITAL CONVERTER
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ADS7835E/250 Datasheet(HTML) 11 Page - Texas Instruments

Back Button ADS7835E/250 Datasheet HTML 7Page - Texas Instruments ADS7835E/250 Datasheet HTML 8Page - Texas Instruments ADS7835E/250 Datasheet HTML 9Page - Texas Instruments ADS7835E/250 Datasheet HTML 10Page - Texas Instruments ADS7835E/250 Datasheet HTML 11Page - Texas Instruments ADS7835E/250 Datasheet HTML 12Page - Texas Instruments ADS7835E/250 Datasheet HTML 13Page - Texas Instruments ADS7835E/250 Datasheet HTML 14Page - Texas Instruments ADS7835E/250 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 21 page
background image
11
ADS7835
®
500kHz conversion rate.
HIGH.
SHORT-CYCLE TIMING
The conversion currently in progress can be “short-cycled”
with the technique shown in Figure 6. This term means that
the conversion will terminate immediately, before all 12 bits
have been decided. This can be a very useful feature when
a resolution of 12 bits is not needed. An example would be
when the converter is being used to monitor an input voltage
until some condition is met. At that time, the full resolution
of the converter would then be used. Short-cycling the
conversion can result in a faster conversion rate or lower
power dissipation.
There are several very important items shown in Figure 6.
The conversion currently in progress is terminated when
CONV is taken HIGH during the conversion and then taken
LOW prior to tCKCH before the start of the 13th clock cycle.
Note that if CONV goes LOW during the 13th clock cycle,
the LSB-first mode will be entered (Figure 5). Additionally,
when CONV goes LOW, the DATA output immediately
transitions to high impedance. If the output bit that is present
during that clock period is needed, CONV must not go LOW
until the bit has been properly latched into the receiving
POWER WITH
POWER WITH
fSAMPLE
CLK = 16 • fSAMPLE
CLK = 8MHz
500kHz
17.5mW
17.5mW
250kHz
16.5mW
13.5mW
100kHz
15.5mW
10.5mW
TABLE II. Power Consumption versus CLK Input.
Table II offers a look at the two different modes of operation
and the difference in power consumption.
LSB-FIRST DATA TIMING
Figure 5 shows a method to transmit the digital result in a
LSB format. This mode is entered when CONV is pulled
HIGH during the conversion (before the end of the 12th
clock) and then pulled LOW during the 13th clock (when
D0, the LSB, is being transmitted). The next 11 clocks then
repeat the serial data, but in an LSB-first format. The
converter enters the power-down mode during the 13th
clock and resumes normal operation when CONV goes
FIGURE 6. Short-Cycle Timing.
D11
(MSB)
DATA
CONVERSION IN PROGRESS
IDLE
IDLE
CLK
CONV
POWER MODE
FULL POWER
LOW POWER
D10
D8
D9
D7
12
3
5
46
7
D6
INTERNAL
CONVERSION
STATE
t
CVDD
t
CVL
t
CVH
HOLD
SAMPLE
SAMPLE/HOLD
MODE
NOTE: (1) The conversion currently in progress can be stopped by pulling CONV LOW during the conversion. This must occur at
least t
CKCS prior to the start of the 13th clock cycle. The DATA output pin will tri-state and the device will enter the power-down
mode when CONV is pulled LOW.
(1)
t
CVPD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com