Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDC3RL02BYFPR Datasheet(PDF) 20 Page - Texas Instruments

Part # CDC3RL02BYFPR
Description  CDC3RL02 Low Phase-Noise Two-Channel Clock Fan-Out Buffer
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

CDC3RL02BYFPR Datasheet(HTML) 20 Page - Texas Instruments

Back Button CDC3RL02BYFPR Datasheet HTML 15Page - Texas Instruments CDC3RL02BYFPR Datasheet HTML 16Page - Texas Instruments CDC3RL02BYFPR Datasheet HTML 17Page - Texas Instruments CDC3RL02BYFPR Datasheet HTML 18Page - Texas Instruments CDC3RL02BYFPR Datasheet HTML 19Page - Texas Instruments CDC3RL02BYFPR Datasheet HTML 20Page - Texas Instruments CDC3RL02BYFPR Datasheet HTML 21Page - Texas Instruments CDC3RL02BYFPR Datasheet HTML 22Page - Texas Instruments CDC3RL02BYFPR Datasheet HTML 23Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 20 / 23 page
background image
www.ti.com
PACKAGE OUTLINE
0.5 MAX
0.19
0.13
1.2
TYP
0.4 TYP
0.4 TYP
8X
0.25
0.21
0.30
0.25
E
D
4225242/A 08/2019
DSBGA - 0.5 mm max height
YFP0008
DIE SIZE BALL GRID ARRAY
NOTES:
1. All linear dimensions are in millimeters. Any dimensions in parenthesis are for reference only. Dimensioning and tolerancing
per ASME Y14.5M.
2. This drawing is subject to change without notice.
BALL A1
CORNER
SEATING PLANE
0.05 C
A
1
2
0.015
C A B
SYMM
SYMM
B
C
D
SCALE 10.000
A
B
C
D: Max =
E: Max =
1.59 mm, Min =
0.79 mm, Min =
1.53 mm
0.73 mm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com