Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDC3RL02BYFPR Datasheet(PDF) 3 Page - Texas Instruments

Part # CDC3RL02BYFPR
Description  CDC3RL02 Low Phase-Noise Two-Channel Clock Fan-Out Buffer
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

CDC3RL02BYFPR Datasheet(HTML) 3 Page - Texas Instruments

  CDC3RL02BYFPR Datasheet HTML 1Page - Texas Instruments CDC3RL02BYFPR Datasheet HTML 2Page - Texas Instruments CDC3RL02BYFPR Datasheet HTML 3Page - Texas Instruments CDC3RL02BYFPR Datasheet HTML 4Page - Texas Instruments CDC3RL02BYFPR Datasheet HTML 5Page - Texas Instruments CDC3RL02BYFPR Datasheet HTML 6Page - Texas Instruments CDC3RL02BYFPR Datasheet HTML 7Page - Texas Instruments CDC3RL02BYFPR Datasheet HTML 8Page - Texas Instruments CDC3RL02BYFPR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 23 page
background image
4 Device Comparison
Table 4-1. Device Comparison
TA
PACKAGE (1)
ORDERABLE PART NUMBER
BACKSIDE
COATING (2)
-40°C to 85°C
YFP
CDC3RL02BYFPR
Yes
-40°C to 85° C
YFP
CDC3RL02YFPR
No
(1)
Package drawings, thermal data, and symbolization are available at www.ti.com/packaging.
(2)
CSP (DSBGA) devices manufactured with backside coating have an increased resistance to cracking due to the increased physical
strength of the package. Devices with backside coating are highly encouraged for new designs.
5 Pin Configuration and Functions
1
2
C
B
A
A1
A2
B2
C2
D2
B1
C1
D1
D
Figure 5-1. YFP Package 8-Pin DSBGA Top View
Table 5-1. Pin Functions
PIN
Type(1)
DESCRIPTION
NAME
NO.
VBATT
A1
I
Input to internal LDO
CLK_OUT1
A2
O
Clock output 1
VLDO
B1
O
1.8V I/O supply for CDC3RL02 and external TCXO
CLK_REQ1
B2
I
Clock request 1 (from peripheral) for Clock output 1
MCLK_IN
C1
I
Master clock input
CLK_REQ2
C2
I
Clock request 2 (from peripheral) for Clock output 2
GND
D1
–
Ground
CLK_OUT2
D2
O
Clock output 2
(1)
I = Input, O = Output
Table 5-2. YFP Package Pin Assignments
1
2
A
VBATT
CLK_OUT1
B
VLDO
CLK_REQ1
C
MCLK_LIN
CLK_REQ2
D
GND
CLK_OUT2
www.ti.com
CDC3RL02
SCHS371H – NOVEMBER 2009 – REVISED OCTOBER 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
3
Product Folder Links: CDC3RL02



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com