Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDC3RL02BYFPR Datasheet(PDF) 6 Page - Texas Instruments

Part # CDC3RL02BYFPR
Description  CDC3RL02 Low Phase-Noise Two-Channel Clock Fan-Out Buffer
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

CDC3RL02BYFPR Datasheet(HTML) 6 Page - Texas Instruments

Back Button CDC3RL02BYFPR Datasheet HTML 2Page - Texas Instruments CDC3RL02BYFPR Datasheet HTML 3Page - Texas Instruments CDC3RL02BYFPR Datasheet HTML 4Page - Texas Instruments CDC3RL02BYFPR Datasheet HTML 5Page - Texas Instruments CDC3RL02BYFPR Datasheet HTML 6Page - Texas Instruments CDC3RL02BYFPR Datasheet HTML 7Page - Texas Instruments CDC3RL02BYFPR Datasheet HTML 8Page - Texas Instruments CDC3RL02BYFPR Datasheet HTML 9Page - Texas Instruments CDC3RL02BYFPR Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 23 page
background image
over operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
MCLK_IN SINUSOIDAL SOURCE
VMA
Input amplitude
0.3
1.8
V
Additive phase noise
fIN = 26MHz, VMA = 1.8VPP
1kHz offset
–141
dBc/Hz
10kHz offset
–149
100kHz offset
–152
1MHz offset
–148
fIN = 26MHz, VMA = 0.8VPP
1kHz offset
–139
10kHz offset
–146
100kHz offset
–150
1MHz offset
–146
Additive jitter
fIN = 26MHz, VMA = 1.8VPP, BW = 10MHz to 5MHz
0.41
ps (RMS)
tDS
MCLK_IN to CLK_OUT_1/2
propagation delay
12
ns
DCs
Output duty cycle
fIN = 26MHz, VMA > 1.8VPP
45%
50%
55%
CLK_OUT_N OUTPUTS
tr
20% to 80% rise time
CL = 10pF to 50pF
1
5.2
ns
tf
20% to 80% fall time
CL = 10pF to 50pF
1
5.2
ns
tsk
Channel-to-channel skew
CL = 10pF to 50pF (CL1 = CL2)
–0.5
0.5
ns
VOH
High-level output voltage
IOH = –100μA, reference to VLDO
–0.1
V
IOH = –8mA
1.2
VOL
Low-level output voltage
IOL = 20μA
0.2
V
IOL = 8mA
0.55
CDC3RL02
SCHS371H – NOVEMBER 2009 – REVISED OCTOBER 2024
www.ti.com
6
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: CDC3RL02



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com