Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDC3RL02BYFPR Datasheet(PDF) 12 Page - Texas Instruments

Part # CDC3RL02BYFPR
Description  CDC3RL02 Low Phase-Noise Two-Channel Clock Fan-Out Buffer
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

CDC3RL02BYFPR Datasheet(HTML) 12 Page - Texas Instruments

Back Button CDC3RL02BYFPR Datasheet HTML 8Page - Texas Instruments CDC3RL02BYFPR Datasheet HTML 9Page - Texas Instruments CDC3RL02BYFPR Datasheet HTML 10Page - Texas Instruments CDC3RL02BYFPR Datasheet HTML 11Page - Texas Instruments CDC3RL02BYFPR Datasheet HTML 12Page - Texas Instruments CDC3RL02BYFPR Datasheet HTML 13Page - Texas Instruments CDC3RL02BYFPR Datasheet HTML 14Page - Texas Instruments CDC3RL02BYFPR Datasheet HTML 15Page - Texas Instruments CDC3RL02BYFPR Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 23 page
background image
8.2 Typical Application
The CDC3RL02 is designed for use in mobile applications as shown in Figure 8-2. In this example, a single
low noise TCXO system clock source is buffered to drive a mobile GPS receiver and WLAN transceiver. Each
peripheral independently requests an active clock by asserting a single clock request line (CLK_REQ_1 or
CLK_REQ_2). When both clock request lines are inactive, the CDC3RL02 enters a low current shutdown mode.
In this mode, the LDO output, CLK_OUT_1, and CLK_OUT_2 are pulled to GND and the TCXO is not powered.
LDO
TCXO CLK
TCXO REQ
TCXO CLK
TCXO REQ
GPS
WLAN
TCXO
1µF
2.2µF
Li
CLK_REQ_1
CLK_OUT_1
CLK_REQ_2
CLK_OUT_2
GND
VBATT
VLDO
CDC3RL02
MCLK _IN
Copyright © 2017, Texas Instruments Incorporated
Figure 8-2. Mobile Application
When either peripheral requests the clock, the CDC3RL02 enables the LDO and powers the TCXO. The TCXO
output (square wave, sine wave, or clipped sine wave) is converted to a square wave and buffered to the
requested output.
8.2.1 Design Requirements
For the typical application, the user must know the following parameters.
Table 8-1. Design Parameters
PARAMETER
DESCRIPTION
EXAMPLE VALUE
VBATT
Input voltage from battery or power supply
3.7V
MCLK_IN
Input frequency from a TCXO
26MHz
8.2.2 Detailed Design Procedure
The designer must verify that all parameters are within the ranges specified in Recommended Operating
Conditions.
Each device which receives a clock output from the CDC3RL02 must have the CLK request pin connected to
the appropriate CLK_REQ pin on the CDC3RL02. This pin enables the output buffer when a device requests the
clock signal.
Control of the clock outputs is possible by using a GPIO from a controller to control the CLK_REQ pins.
If one of the outputs is unused, then tie the CLK_REQ and CLK_OUT pins to ground. If the user wants a
CLK_OUT pin always enabled, tie the paired CLK_REQ pin to an external 1.8V source (not VLDO because the
LDO output is not enabled until at least one CLK_REQ pin is high).
CDC3RL02
SCHS371H – NOVEMBER 2009 – REVISED OCTOBER 2024
www.ti.com
12
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: CDC3RL02



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com