Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDC3RL02BYFPR Datasheet(PDF) 13 Page - Texas Instruments

Part # CDC3RL02BYFPR
Description  CDC3RL02 Low Phase-Noise Two-Channel Clock Fan-Out Buffer
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

CDC3RL02BYFPR Datasheet(HTML) 13 Page - Texas Instruments

Back Button CDC3RL02BYFPR Datasheet HTML 9Page - Texas Instruments CDC3RL02BYFPR Datasheet HTML 10Page - Texas Instruments CDC3RL02BYFPR Datasheet HTML 11Page - Texas Instruments CDC3RL02BYFPR Datasheet HTML 12Page - Texas Instruments CDC3RL02BYFPR Datasheet HTML 13Page - Texas Instruments CDC3RL02BYFPR Datasheet HTML 14Page - Texas Instruments CDC3RL02BYFPR Datasheet HTML 15Page - Texas Instruments CDC3RL02BYFPR Datasheet HTML 16Page - Texas Instruments CDC3RL02BYFPR Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 23 page
background image
8.2.3 Application Curve
-0.4
-0.2
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
2.2
2.4
0
10
20
30
40
50
60
70
80
90
100
Time (ns)
MCLK_IN
CLK_OUT1
V
= 3.3V
C
= 1µF
BATT
VLDO
C
= 0.1µF C
= 30pF
BATT
OUT
Figure 8-3. Sine Wave Input vs Output
8.3 Power Supply Recommendations
General power supply recommendations are to be considered for the CDC3RL02. These include:
• Decoupling capacitors placed close to the VBATT pin of typical values (1μF)
• VBATT be within the recommended voltage range
8.4 Layout
8.4.1 Layout Guidelines
To provide reliability of the device, following common printed-circuit board layout guidelines is recommended.
• Bypass capacitors must be used on power supplies and must be placed as close as possible to the VBATT pin
• Short trace-lengths must be used to avoid excessive loading
• For improved performance on the clock output lines, use a ground trace on the sides of the clock trace to
minimize crosstalk and EMI
8.4.2 Layout Example
A1
0402 Decoupling
Cap
VBATT
VLDO
MCLK_IN
GND
CLK_REQ2
CLK_REQ1
CLK_OUT2
CLK_OUT1
= Via to GND Plane
= GND Trace
Figure 8-4. Example Layout for YFP Package
www.ti.com
CDC3RL02
SCHS371H – NOVEMBER 2009 – REVISED OCTOBER 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
13
Product Folder Links: CDC3RL02



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com