Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DAC8564 Datasheet(PDF) 22 Page - Texas Instruments

Part # DAC8564
Description  12-Bit, Quad Channel, Ultra-Low Glitch, Voltage Output Digital-to-Analog Converter with 2.5V, 2ppm/°C Internal Reference
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DAC8564 Datasheet(HTML) 22 Page - Texas Instruments

Back Button DAC8564 Datasheet HTML 18Page - Texas Instruments DAC8564 Datasheet HTML 19Page - Texas Instruments DAC8564 Datasheet HTML 20Page - Texas Instruments DAC8564 Datasheet HTML 21Page - Texas Instruments DAC8564 Datasheet HTML 22Page - Texas Instruments DAC8564 Datasheet HTML 23Page - Texas Instruments DAC8564 Datasheet HTML 24Page - Texas Instruments DAC8564 Datasheet HTML 25Page - Texas Instruments DAC8564 Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 51 page
background image
0
4096
3584
3072
2560
2048
1536
512
1024
DigitalInputCode
1300
1200
1100
1000
900
800
AV
=2.7V
DD
InternalV
Included
REF
1600
800
3.0
0.5
1.0
1.5
2.0
0
V
(V)
LOGIC
Sweepfrom0Vto2.7V
Sweepfrom
2.7Vto0V
AV
=2.7V,InternalV
Included
Input(allotherdigitalinputs=GND)
DD
REF
SYNC
1200
2.5
1400
1000
Time(2 s/div)
m
AV
=2.7V
IntV
=2.5V
FromCode:0000h
ToCode:0FFFh
DD
REF
TriggerPulse2.7V/div
ZoomedRisingEdge
1mV/div
Rising
Edge
0.5V/div
Time(2 s/div)
m
AV
=2.7V
IntV
=2.5V
FromCode:0FFFh
ToCode:0000h
DD
REF
TriggerPulse2.7V/div
ZoomedFallingEdge
1mV/div
Falling
Edge
0.5V/div
Time(2 s/div)
m
AV
=2.7V
IntV
=2.5V
FromCode:0400h
ToCode:0C00h
DD
REF
TriggerPulse2.7V/div
ZoomedRisingEdge
1mV/div
Rising
Edge
0.5V/div
Time(2 s/div)
m
AV
=2.7V
IntV
=2.5V
FromCode:0C00h
ToCode:0400h
DD
REF
TriggerPulse2.7V/div
ZoomedFallingEdge
1mV/div
Falling
Edge
0.5V/div
DAC7565
SBAS412B
– FEBRUARY 2008 – REVISED MARCH 2011
www.ti.com
TYPICAL CHARACTERISTICS: DAC at AVDD = 2.7V (continued)
At TA = +25°C, internal reference used, and DAC output not loaded, all DAC codes in straight binary data format, unless
otherwise noted
POWER-SUPPLY CURRENT
POWER-SUPPLY CURRENT
vs DIGITAL INPUT CODE
vs LOGIC INPUT VOLTAGE
Figure 78.
Figure 79.
FULL-SCALE SETTLING TIME:
FULL-SCALE SETTLING TIME:
2.7V RISING EDGE
2.7V FALLING EDGE
Figure 80.
Figure 81.
HALF-SCALE SETTLING TIME:
HALF-SCALE SETTLING TIME:
2.7V RISING EDGE
2.7V FALLING EDGE
Figure 82.
Figure 83.
22
Submit Documentation Feedback
Copyright
© 2008–2011, Texas Instruments Incorporated
Product Folder Link(s): DAC7565



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com