Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DAC8564 Datasheet(PDF) 7 Page - Texas Instruments

Part # DAC8564
Description  12-Bit, Quad Channel, Ultra-Low Glitch, Voltage Output Digital-to-Analog Converter with 2.5V, 2ppm/°C Internal Reference
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DAC8564 Datasheet(HTML) 7 Page - Texas Instruments

Back Button DAC8564 Datasheet HTML 3Page - Texas Instruments DAC8564 Datasheet HTML 4Page - Texas Instruments DAC8564 Datasheet HTML 5Page - Texas Instruments DAC8564 Datasheet HTML 6Page - Texas Instruments DAC8564 Datasheet HTML 7Page - Texas Instruments DAC8564 Datasheet HTML 8Page - Texas Instruments DAC8564 Datasheet HTML 9Page - Texas Instruments DAC8564 Datasheet HTML 10Page - Texas Instruments DAC8564 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 51 page
background image
DAC7565
www.ti.com
SBAS412B
– FEBRUARY 2008 – REVISED MARCH 2011
TIMING REQUIREMENTS
(1) (2)
At AVDD = IOVDD= 2.7V to 5.5V and –40°C to +105°C range (unless otherwise noted).
DAC7565
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
IOVDD = AVDD = 2.7V to 3.6V
40
t1
(3)
SCLK cycle time
ns
IOVDD = AVDD = 3.6V to 5.5V
20
IOVDD = AVDD = 2.7V to 3.6V
20
t2
SCLK HIGH time
ns
IOVDD = AVDD = 3.6V to 5.5V
10
IOVDD = AVDD = 2.7V to 3.6V
20
t3
SCLK LOW time
ns
IOVDD = AVDD = 3.6V to 5.5V
10
IOVDD = AVDD = 2.7V to 3.6V
0
t4
SYNC to SCLK rising edge setup time
ns
IOVDD = AVDD = 3.6V to 5.5V
0
IOVDD = AVDD = 2.7V to 3.6V
5
t5
Data setup time
ns
IOVDD = AVDD = 3.6V to 5.5V
5
IOVDD = AVDD = 2.7V to 3.6V
4.5
t6
Data hold time
ns
IOVDD = AVDD = 3.6V to 5.5V
4.5
IOVDD = AVDD = 2.7V to 3.6V
0
t7
SCLK falling edge to SYNC rising edge
ns
IOVDD = AVDD = 3.6V to 5.5V
0
IOVDD = AVDD = 2.7V to 3.6V
40
t8
Minimum SYNC HIGH time
ns
IOVDD = AVDD = 3.6V to 5.5V
20
IOVDD = AVDD = 2.7V to 3.6V
130
t9
24th SCLK falling edge to SYNC falling edge
ns
IOVDD = AVDD = 3.6V to 5.5V
130
IOVDD = AVDD = 2.7V to 3.6V
15
SYNC rising edge to 24th SCLK falling edge
t10
ns
(for successful SYNC interrupt)
IOVDD = AVDD = 3.6V to 5.5V
15
IOVDD = AVDD = 2.7V to 3.6V
15
t11
ENABLE falling edge to SYNC falling edge
ns
IOVDD = AVDD = 3.6V to 5.5V
15
IOVDD = AVDD = 2.7V to 3.6V
10
t12
24th SCLK falling edge to ENABLE rising edge
ns
IOVDD = AVDD = 3.6V to 5.5V
10
IOVDD = AVDD = 2.7V to 3.6V
50
t13
24th SCLK falling edge to LDAC rising edge
ns
IOVDD = AVDD = 3.6V to 5.5V
50
IOVDD = AVDD = 2.7V to 3.6V
10
t14
LDAC rising edge to ENABLE rising edge
ns
IOVDD = AVDD = 3.6V to 5.5V
10
IOVDD = AVDD = 2.7V to 3.6V
10
t15
LDAC HIGH time
ns
IOVDD = AVDD = 3.6V to 5.5V
10
(1)
All input signals are specified with tR = tF = 3ns (10% to 90% of VDD) and timed from a voltage level of (VIL + VIH)/2.
(2)
See the Serial Write Operation timing diagram.
(3)
Maximum SCLK frequency is 50MHz at IOVDD = VDD = 3.6V to 5.5V and 25MHz at IOVDD = AVDD = 2.7V to 3.6V.
Copyright
© 2008–2011, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Link(s): DAC7565



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com