Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DAC8564 Datasheet(PDF) 31 Page - Texas Instruments

Part # DAC8564
Description  12-Bit, Quad Channel, Ultra-Low Glitch, Voltage Output Digital-to-Analog Converter with 2.5V, 2ppm/°C Internal Reference
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DAC8564 Datasheet(HTML) 31 Page - Texas Instruments

Back Button DAC8564 Datasheet HTML 27Page - Texas Instruments DAC8564 Datasheet HTML 28Page - Texas Instruments DAC8564 Datasheet HTML 29Page - Texas Instruments DAC8564 Datasheet HTML 30Page - Texas Instruments DAC8564 Datasheet HTML 31Page - Texas Instruments DAC8564 Datasheet HTML 32Page - Texas Instruments DAC8564 Datasheet HTML 33Page - Texas Instruments DAC8564 Datasheet HTML 34Page - Texas Instruments DAC8564 Datasheet HTML 35Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 51 page
background image
DAC7565
www.ti.com
SBAS412B
– FEBRUARY 2008 – REVISED MARCH 2011
OPERATING EXAMPLES: DAC7565
For the following examples, X = don't care; value can be either '0' or '1'.
Example 1: Write to Data Buffer A Through Buffer D; Load DAC A Through DAC D Simultaneously
1st: Write to data buffer A:
DB23
DB22)
DB21
DB20
DB19
DB18
DB17
DB16
DB15
DB14
DB13
DB12-DB4
DB3-DB0
(LD1)
(LD0)
(DAC Sel 1) (DAC Sel 0)
(PD0)
0
0
0
0
0
0
0
0
D11
D10
D9
D8-D0
X
2nd: Write to data buffer B:
DB23
DB22
DB21
DB20
DB19
DB18
DB17
DB16
DB15
DB14
DB13
DB12-DB4
DB3-DB0
(LD1)
(LD0)
(DAC Sel 1) (DAC Sel 0)
(PD0)
0
0
0
0
0
0
1
0
D11
D10
D9
D8-D0
X
3rd: Write to data buffer C:
DB23
DB22
DB21
DB20
DB19
DB18
DB17
DB16
DB15
DB14
DB13
DB12-DB4
DB3-DB0
(LD1)
(LD0)
(DAC Sel 1) (DAC Sel 0)
(PD0)
0
0
0
0
0
1
0
0
D11
D10
D9
D8-D0
X
4th: Write to data buffer D and simultaneously update all DACs:
DB23
DB22
DB21
DB20
DB19
DB18
DB17
DB16
DB15
DB14
DB13
DB12-DB4
DB3-DB0
(LD1)
(LD0)
(DAC Sel 1) (DAC Sel 0)
(PD0)
0
0
1
0
0
1
1
0
D11
D10
D9
D8-D0
X
The DAC A, DAC B, DAC C, and DAC D analog outputs simultaneously settle to the specified values upon
completion of the 4th write sequence. (The DAC voltages update simultaneously after the 24th SCLK falling edge
of the fourth write cycle).
Example 2: Load New Data to DAC A Through DAC D Sequentially
1st: Write to data buffer A and load DAC A: DAC A output settles to specified value upon completion:
DB23
DB22
DB21
DB20
DB19
DB18
DB17
DB16
DB15
DB14
DB13
DB12-DB4
DB3-DB0
(LD1)
(LD0)
(DAC Sel 1) (DAC Sel 0)
(PD0)
0
0
0
1
0
0
0
0
D11
D10
D9
D8-D0
X
2nd: Write to data buffer B and load DAC B: DAC B output settles to specified value upon completion:
DB23
DB22
DB21
DB20
DB19
DB18
DB17
DB16
DB15
DB14
DB13
DB12-DB4
DB3-DB0
(LD1)
(LD0)
(DAC Sel 1) (DAC Sel 0)
(PD0)
0
0
0
1
0
0
1
0
D11
D10
D9
D8-D0
X
3rd: Write to data buffer C and load DAC C: DAC C output settles to specified value upon completion:
DB23
DB22
DB21
DB20
DB19
DB18
DB17
DB16
DB15
DB14
DB13
DB12-DB4
DB3-DB0
(LD1)
(LD0)
(DAC Sel 1) (DAC Sel 0)
(PD0)
0
0
0
1
0
1
0
0
D11
D10
D9
D8-D0
X
4th: Write to data buffer D and load DAC D: DAC D output settles to specified value upon completion:
DB23
DB22
DB21
DB20
DB19
DB18
DB17
DB16
DB15
DB14
DB13
DB12-DB4
DB3-DB0
(LD1)
(LD0)
(DAC Sel 1) (DAC Sel 0)
(PD0)
0
0
0
1
0
1
1
0
D11
D10
D9
D8-D0
X
After completion of each write cycle, DAC analog output settles to the voltage specified.
Copyright
© 2008–2011, Texas Instruments Incorporated
Submit Documentation Feedback
31
Product Folder Link(s): DAC7565



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com