Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DAC8564 Datasheet(PDF) 34 Page - Texas Instruments

Part # DAC8564
Description  12-Bit, Quad Channel, Ultra-Low Glitch, Voltage Output Digital-to-Analog Converter with 2.5V, 2ppm/°C Internal Reference
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DAC8564 Datasheet(HTML) 34 Page - Texas Instruments

Back Button DAC8564 Datasheet HTML 30Page - Texas Instruments DAC8564 Datasheet HTML 31Page - Texas Instruments DAC8564 Datasheet HTML 32Page - Texas Instruments DAC8564 Datasheet HTML 33Page - Texas Instruments DAC8564 Datasheet HTML 34Page - Texas Instruments DAC8564 Datasheet HTML 35Page - Texas Instruments DAC8564 Datasheet HTML 36Page - Texas Instruments DAC8564 Datasheet HTML 37Page - Texas Instruments DAC8564 Datasheet HTML 38Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 51 page
background image
DriftError=
´
10 (ppm/ C)
°
6
V
V
-
REF_MAX
REF_MIN
V
T
´
REF
RANGE
5
6
7
8
12
11
10
9
IOV
DD
D
IN
SCLK
SYNC
V
L
REF
GND
V
C
OUT
V
D
OUT
AV
DD
DAC7565
1
2
3
4
16
15
14
13
LDAC
ENABLE
RSTSEL
RST
V
A
OUT
V
B
OUT
V
H/V
OUT
REF
REF
AV
DD
0.1 F
m
150nF
DAC7565
SBAS412B
– FEBRUARY 2008 – REVISED MARCH 2011
www.ti.com
APPLICATION INFORMATION
INTERNAL REFERENCE
Temperature Drift
The internal reference of the DAC7565 does not
The internal reference is designed to exhibit minimal
require
an
external
load
capacitor
for
stability
drift error, defined as the change in reference output
because it is stable with any capacitive load.
voltage
over
varying
temperature.
The
drift
is
However,
for
improved
noise
performance,
an
calculated using the box method described by
external load capacitor of 150nF or larger connected
Equation 2:
to the VREFH/VREFOUT output is recommended.
Figure 97 shows the typical connections required for
operation of the DAC7565 internal reference. A
supply bypass capacitor at the AVDD input is also
(2)
recommended.
Where:
VREF_MAX = maximum reference voltage observed
within temperature range TRANGE.
VREF_MIN = minimum reference voltage observed
within temperature range TRANGE.
VREF = 2.5V, target value for reference output
voltage.
The internal reference (grade C only) features an
exceptional
typical
drift
coefficient
of
2ppm/
°C
from
–40°C to +120°C. Characterizing a large number
of units, a maximum drift coefficient of 5ppm/
°C
(grade C only) is observed. Temperature drift results
are summarized in the Typical Characteristics.
Noise Performance
Figure 97. Typical Connections for Operating the
Typical 0.1Hz to 10Hz voltage noise can be seen in
DAC7565 Internal Reference
Figure 8, Internal Reference Noise. Additional filtering
can be used to improve output noise levels, although
Supply Voltage
care should be taken to ensure the output impedance
does not degrade the ac performance. The output
The internal reference features an extremely low
noise spectrum at VREFH/VREFOUT without any
dropout voltage. It can be operated with a supply of
external components is depicted in Figure 7, Internal
only 5mV above the reference output voltage in an
Reference Noise Density vs Frequency. Another
unloaded condition. For loaded conditions, refer to
noise density spectrum is also shown in Figure 7.
the Load Regulation section. The stability of the
This spectrum was obtained using a 4.8
μF load
internal reference with variations in supply voltage
capacitor
at
VREFH/VREFOUT for noise filtering.
(line regulation, dc PSRR) is also exceptional. Within
Internal reference noise impacts the DAC output
the specified supply voltage range of 2.7V to 5.5V,
noise; see the DAC Noise Performance section for
the variation at VREFH/VREFOUT is less than 10μV/V;
more details.
see the Typical Characteristics.
34
Submit Documentation Feedback
Copyright
© 2008–2011, Texas Instruments Incorporated
Product Folder Link(s): DAC7565



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com