Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DAC8564 Datasheet(PDF) 3 Page - Texas Instruments

Part # DAC8564
Description  12-Bit, Quad Channel, Ultra-Low Glitch, Voltage Output Digital-to-Analog Converter with 2.5V, 2ppm/°C Internal Reference
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DAC8564 Datasheet(HTML) 3 Page - Texas Instruments

  DAC8564 Datasheet HTML 1Page - Texas Instruments DAC8564 Datasheet HTML 2Page - Texas Instruments DAC8564 Datasheet HTML 3Page - Texas Instruments DAC8564 Datasheet HTML 4Page - Texas Instruments DAC8564 Datasheet HTML 5Page - Texas Instruments DAC8564 Datasheet HTML 6Page - Texas Instruments DAC8564 Datasheet HTML 7Page - Texas Instruments DAC8564 Datasheet HTML 8Page - Texas Instruments DAC8564 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 51 page
background image
DAC7565
www.ti.com
SBAS412B
– FEBRUARY 2008 – REVISED MARCH 2011
ELECTRICAL CHARACTERISTICS
At AVDD = 2.7V to 5.5V and –40°C to +105°C range (unless otherwise noted).
DAC7565
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
STATIC PERFORMANCE(1)
Resolution
12
Bits
Measured by the line
Relative accuracy
passing through
DAC7565A, DAC7565C
±0.5
±1
LSB
codes 30 and 4050
Differential nonlinearity
12-bit monotonic
±0.1
±0.5
LSB
Offset error
±5
±8
mV
Offset error drift
±1
μV/°C
Measured by the line passing through codes 30 and
4050
Full-scale error
±0.2
±0.5
% of FSR
Gain error
±0.05
±0.2
% of FSR
AVDD = 5V
±1
ppm of
Gain temperature coefficient
FSR/
°C
AVDD = 2.7V
±2
PSRR
Power-supply rejection ratio
Output unloaded
1
mV/V
OUTPUT CHARACTERISTICS(2)
Output voltage range
0
VREF
V
To
±0.024% FSR, 0020h to 3FD0h, RL = 2kΩ,
8
10
0pF
< CL < 200pF
Output voltage settling time
μs
RL = 2kΩ, CL = 500pF
12
Slew rate
2.2
V/
μs
RL = ∞
470
Capacitive load stability
pF
RL = 2kΩ
1000
Code change glitch impulse
1LSB change around major carry
0.15
nV-s
Digital feedthrough
SCLK toggling, SYNC high
0.15
nV-s
Channel-to-channel dc crosstalk
Full-scale swing on adjacent channel
0.25
LSB
Channel-to-channel ac crosstalk
1kHz full-scale sine wave, outputs unloaded
–100
dB
DC output impedance
At mid-code input
1
Short-circuit current
50
mA
Coming out of power-down mode, AVDD = 5V
2.5
Power-up time
μs
Coming out of power-down mode, AVDD = 3V
5
AC PERFORMANCE(2)
SNR
81
dB
THD
–75
dB
TA = +25°C, BW = 20kHz, VDD = 5V, fOUT = 1kHz.
First 19 harmonics removed for SNR calculation.
SFDR
79
dB
SINAD
74
dB
DAC output noise density
TA = +25°C, at mid-code input, fOUT = 1kHz
120
nV/
√Hz
DAC output noise
TA = +25°C, at mid-code input, 0.1Hz to 10Hz
6
μVPP
REFERENCE
AVDD = 5.5V
360
μA
Internal reference current consumption
AVDD = 3.6V
348
μA
External VREF = 2.5V, if internal reference is disabled,
External reference current
80
μA
all four channels active
Reference input range VREFH voltage
VREFL < VREFH, AVDD – (VREFH + VREFL) /2 > 1.2V
0
AVDD
V
Reference input range VREFL voltage
VREFL < VREFH, AVDD – (VREFH + VREFL) /2 > 1.2V
0
AVDD/2
V
Reference input impedance
31
k
(1)
Linearity calculated using a reduced code range of 30 to 4050; output unloaded.
(2)
Ensured by design or characterization; not production tested.
Copyright
© 2008–2011, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Link(s): DAC7565



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com