Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LNK4115D Datasheet(PDF) 7 Page - Power Integrations, Inc.

Part # LNK4115D
Description  Energy-Efficient, Accurate Primary-Side
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

LNK4115D Datasheet(HTML) 7 Page - Power Integrations, Inc.

Back Button LNK4115D Datasheet HTML 3Page - Power Integrations, Inc. LNK4115D Datasheet HTML 4Page - Power Integrations, Inc. LNK4115D Datasheet HTML 5Page - Power Integrations, Inc. LNK4115D Datasheet HTML 6Page - Power Integrations, Inc. LNK4115D Datasheet HTML 7Page - Power Integrations, Inc. LNK4115D Datasheet HTML 8Page - Power Integrations, Inc. LNK4115D Datasheet HTML 9Page - Power Integrations, Inc. LNK4115D Datasheet HTML 10Page - Power Integrations, Inc. LNK4115D Datasheet HTML 11Page - Power Integrations, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 22 page
background image
Rev. F 05/18
7
LinkSwitch-4
www.power.com
PI-7459-090215
IFON
IBDSRC
tFON
IBD
Logic BD
Logic ED
BD Ground
Figure 9. Base Drive Waveforms.
If the output does not reach V
OUT(UVP) during this time then the
controller will shutdown and restart.
V
OUT(UVP) value depends on the set output voltage (VOUT(CV)) and the
feedback UVP ratio:
VV
G
OUTUVP
OUTCVFBUVP
#
=
^^
^
hh
h
Easy Start (LNK4114D, LNK4214D, LNK4115D, LNK4215D)
The Easy Start feature guarantees start-up into large output
capacitances and allows the output voltage to work down the CC
chimney close to OV.
The Easy Start feature uses the BJT emitter current (equal to the
primary current) to charge the supply capacitor C
VCC via an additional
Schottky diode.
This only occurs when the supply voltage has fallen below V
VCCES and
is achieved by altering the sequencing of EMITTER DRIVE pin switching.
If the supply voltage is below V
VCC(ES), and when the base has received
enough charge, the EMITTER DRIVE pin is released at the same time
as the BASE DRIVE pin.
This allows the BJT emitter voltage to rise until the Schottky diode
conducts. Emitter current then charges the C
VCC until the BJT is
turned off by the BASE DRIVE pin being pulled low.
If the supply voltage is above V
VCC(ES), then Easy Start has no effect
on the operation of the controller.
Note V
VCC(ES) = 6 V for LNK4114D and LNK4214D, VVCC(ES) = 10 V for
LNK43x3S, LNK43x3D, LNK4115D and LNK4215D during N
STARTUP cycles,
after which it reduces to 6 V.
Over-Temperature Protection
Temperature protection is internal to LinkSwitch-4. The sensor
measures the junction temperature T
J, which is the hottest part of
LinkSwitch-4.
At temperatures T
J ~ 140 °C, LinkSwitch-4 will shutdown and remain
in this state until a temperature of T
J ~ 70 °C is reached. Whereby
LinkSwitch-4 will power-up in the normal sequence.
Figure 9b. Base Drive Waveforms – Easy Start mode of Operation.
PI-7674-090215
IFON
IBDSRC
IBD
VCC
Logic BD
Logic ED
BD Ground
CVCC Recharge Current
tFON



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com