Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LNK4115D Datasheet(PDF) 16 Page - Power Integrations, Inc.

Part # LNK4115D
Description  Energy-Efficient, Accurate Primary-Side
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

LNK4115D Datasheet(HTML) 16 Page - Power Integrations, Inc.

Back Button LNK4115D Datasheet HTML 12Page - Power Integrations, Inc. LNK4115D Datasheet HTML 13Page - Power Integrations, Inc. LNK4115D Datasheet HTML 14Page - Power Integrations, Inc. LNK4115D Datasheet HTML 15Page - Power Integrations, Inc. LNK4115D Datasheet HTML 16Page - Power Integrations, Inc. LNK4115D Datasheet HTML 17Page - Power Integrations, Inc. LNK4115D Datasheet HTML 18Page - Power Integrations, Inc. LNK4115D Datasheet HTML 19Page - Power Integrations, Inc. LNK4115D Datasheet HTML 20Page - Power Integrations, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 22 page
background image
Rev. F 05/18
16
LinkSwitch-4
www.power.com
Parameter
Symbol
Conditions
T
J = -25 to 125 °C
(Unless Otherwise Specified)
Min
Typ
Max
Units
CURRENT SENSE Pin (cont.)
Leading Edge
Blanking Time
t
CS(B)
See Figure 8
375
ns
BASE DRIVE Pin
Base Drive Force
on Current
I
F(ON)
LNK43x3S / LNK40x2S / LNK40x3S /
LNK40x3D / LNK43x3D
40
mA
LNK43x2S
60
LNK40x4D / LNK4114D / LNK4214D /
LNK4115D / LNK4215D
80
Base Drive Force
on Duration
t
F(ON)
200
ns
Base Drive
Source Current
I
BDSRC(MIN)
LNK43x3S / LNK40x2S / LNK40x3S /
LNK40x3D / LNK43x3D
5
mA
LNK43x2S
7.5
LNK40x4D / LNK4114D / LNK4214D /
LNK4115D / LNK4215D
12
I
BDSRC(MAX)
LNK43x3S / LNK40x2S / LNK40x3S /
LNK40x3D / LNK43x3D
40
LNK43x2S
60
LNK40x4D / LNK4114D / LNK4214D /
LNK4115D / LNK4215D
80
Base Drive
Pull Down Resistance
R
BD(OFF)
V
VCC = 12 V
LNK40x2S / LNK43x2S
4.5
Ω
LNK4323S / LNK40x3S
3
LNK4323D / LNK40x3D
3
LNK40x4D/ LNK4114D /
LNK4214D / LNK4115D /
LNK4215D
1.2
Base Drive
Minimum On-Time
t
BDON(MIN)
375
ns
Base Drive
Leakage Current
I
BD(SLEEP)
In Sleep Mode, T
J = 50 °C
1
mA
Base Drive
Peak Sink Current
I
BD(SINK)
LNK40x2S / LNK43x2S
600
mA
LNK40x3S / LNK4323S
700
LNK40x3 / LNK4323D
900
LNK40x4D / LNK4114D / LNK4214D /
1100
LNK4115D / LNK4215D
1300



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com