Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LNK4115D Datasheet(PDF) 15 Page - Power Integrations, Inc.

Part # LNK4115D
Description  Energy-Efficient, Accurate Primary-Side
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

LNK4115D Datasheet(HTML) 15 Page - Power Integrations, Inc.

Back Button LNK4115D Datasheet HTML 11Page - Power Integrations, Inc. LNK4115D Datasheet HTML 12Page - Power Integrations, Inc. LNK4115D Datasheet HTML 13Page - Power Integrations, Inc. LNK4115D Datasheet HTML 14Page - Power Integrations, Inc. LNK4115D Datasheet HTML 15Page - Power Integrations, Inc. LNK4115D Datasheet HTML 16Page - Power Integrations, Inc. LNK4115D Datasheet HTML 17Page - Power Integrations, Inc. LNK4115D Datasheet HTML 18Page - Power Integrations, Inc. LNK4115D Datasheet HTML 19Page - Power Integrations, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 22 page
background image
Rev. F 05/18
15
LinkSwitch-4
www.power.com
Parameter
Symbol
Conditions
T
J = -25 to 125 °C
(Unless Otherwise Specified)
Min
Typ
Max
Units
FEEDBACK Pin (Cont.)
Feedback Current Low
Mains Threshold
I
FBHT(LO)
-0.495
-0.412
-0.31
mA
Feedback Current
Start Mains Threshold
I
FBHT(START)
-1.05
-0.9
-0.75
mA
Feedback
Blanking Time
t
FB(BL)
Fixed for LNK40x2S and LNK43x2S
1.5
ms
V
OUT
≤0.7
V
OUT(CV)
R
CS2 = 100 Ω
1.5
R
CS2 = 270 Ω
2.2
R
CS2 = 470 Ω
2.5
R
CS2 = 1000 Ω
2.5
V
OUT
>0.7
V
OUT(CV)
R
CS2 = 100 Ω
0.75
R
CS2 = 270 Ω
1.1
R
CS2 = 470 Ω
1.25
R
CS2 = 1000 Ω
1.25
Start-up Cycle Count
N
STARTUP
LNK40x3S / LNK40x3D
600
LNK43xxS / LNK43xxD
700
LNK4xx5D
1700
Transient Detect
Pulse Duration
t
TD
LNK40x3S / LNK40x3D / LNK40x4D / LNK4114D /
LNK4214D / LNK4115D / LNK4215D
100
ns
Transient Detect
Threshold
V
TD
LNK40x3S / LNK40x3D / LNK40x4D / LNK4114D /
LNK4214D / LNK4115D / LNK4215D / LNK4323S
/ LNK4323D
60
mV
CURRENT SENSE Pin
Primary Current Sense
Input Minimum
Threshold
V
CS(MIN)
Outside Primary
Current Sense
Blanking Time
t
CS(B)
LNK40x2S / LNK43x2S
-88
mV
LNK40x3S
LNK40x3D
LNK40x4D
LNK4114D
LNK4214D
LNK4115D
LNK4215D
LNK4323S
LNK4323D
(Set by External
Resistor R
CS2)
R
CS2= 100 Ω
-56
R
CS2= 270 Ω
-73
R
CS2= 470 Ω
-94
R
CS2= 1000 Ω
-127
Primary Current Sense
Input Maximum
Threshold
V
CS(OCP)
Outside Primary Current
Sense Blanking Time
t
CS(B)
Over-Current Protect
-350
-340
-330
mV
V
CS(MAX)
Normal Regulation
-380
-360
-340
mV
Primary Current Sense
Turn-Off Response
Time
t
CS(OFF)
Outside Primary Current Sense
Blanking Time t
CS(B)
120
ns
Primary Current Sense
Threshold for CC
Operation
V
CS(CC)
T
J = 25 °C
Except LNK4115D, LNK4214D, LNK4215D
-62
-60.8
-59.6
mV
LNK4115D Only
-68
LNK4214D Only
-105
LNK4215D Only
-119



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com