Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LNK4115D Datasheet(PDF) 17 Page - Power Integrations, Inc.

Part # LNK4115D
Description  Energy-Efficient, Accurate Primary-Side
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

LNK4115D Datasheet(HTML) 17 Page - Power Integrations, Inc.

Back Button LNK4115D Datasheet HTML 13Page - Power Integrations, Inc. LNK4115D Datasheet HTML 14Page - Power Integrations, Inc. LNK4115D Datasheet HTML 15Page - Power Integrations, Inc. LNK4115D Datasheet HTML 16Page - Power Integrations, Inc. LNK4115D Datasheet HTML 17Page - Power Integrations, Inc. LNK4115D Datasheet HTML 18Page - Power Integrations, Inc. LNK4115D Datasheet HTML 19Page - Power Integrations, Inc. LNK4115D Datasheet HTML 20Page - Power Integrations, Inc. LNK4115D Datasheet HTML 21Page - Power Integrations, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 22 page
background image
Rev. F 05/18
17
LinkSwitch-4
www.power.com
Parameter
Symbol
Conditions
T
J = -25 to 125 °C
(Unless Otherwise Specified)
Min
Typ
Max
Units
EMITTER DRIVE Pin
Emitter Drive
On-State Resistance
R
EDON(MAX)
V
VCC = VVCC(SLEEP)
LNK40x2S / LNK43x2S
3
Ω
LNK40x3S / LNK4323S
1.5
LNK40x3D / LNK4323D
1.5
LNK40x4D / LNK4114D /
LNK4214D / LNK4115D /
LNK4215D
0.9
Emitter Drive
Leakage Current
I
ED(SLEEP)
In Sleep Mode,
T
J = 50 °C
LNK40x2S / LNK43x2S
1
mA
LNK40x3S / LNK4323S
1
LNK40x3D / LNK4323D
1
LNK40x4D / LNK4114D /
LNK4214D / LNK4115D /
LNK4215D
1
Emitter Drive
Peak Sink Current
I
ED(SINK)
LNK40x2S / LNK43x2S
600
mA
LNK40x3S / LNK4323S
700
LNK40x3D / LNK4323D
900
LNK40x4D / LNK4114D / LNK4214D
1100
LNK4115D / LNK4215D
1300
Emitter Drive
Minimum On-Time
t
EDMIN(ON)
LNK40x3S / LNK40x3D Only
175
ns
SBD Pin
SBD On-State
Resistance
R
SBD(ON)
LNK40x3D / LNK4323D
8
Ω
LNK40x4D / LNK4114D / LNK4214D /
LNK4115D / LNK4215D
4
SBD Leakage Current
I
SBD(SLEEP)
In Sleep Mode,
T
J = 50 °C
LNK40x3D / LNK40x4D /
LNK4114D / LNK4214D /
LNK4115D / LNK4215D /
LNK4323D
1
mA
NOTES:
A. Min and Max values apply over the full range of normal operating conditions.
B. Typical electrical characteristics apply at T
J = TJ (typ).
C. The chip is operating in Run mode.
D. Voltages are specified with respect to the GROUND pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com