Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LNK4115D Datasheet(PDF) 14 Page - Power Integrations, Inc.

Part # LNK4115D
Description  Energy-Efficient, Accurate Primary-Side
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

LNK4115D Datasheet(HTML) 14 Page - Power Integrations, Inc.

Back Button LNK4115D Datasheet HTML 10Page - Power Integrations, Inc. LNK4115D Datasheet HTML 11Page - Power Integrations, Inc. LNK4115D Datasheet HTML 12Page - Power Integrations, Inc. LNK4115D Datasheet HTML 13Page - Power Integrations, Inc. LNK4115D Datasheet HTML 14Page - Power Integrations, Inc. LNK4115D Datasheet HTML 15Page - Power Integrations, Inc. LNK4115D Datasheet HTML 16Page - Power Integrations, Inc. LNK4115D Datasheet HTML 17Page - Power Integrations, Inc. LNK4115D Datasheet HTML 18Page - Power Integrations, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 22 page
background image
Rev. F 05/18
14
LinkSwitch-4
www.power.com
Parameter
Symbol
Conditions
T
J = -25 to 125 °C
(Unless Otherwise Specified)
Min
Typ
Max
Units
Normal Operating Conditions
External Supply
Voltage
V
VCC
5
16.5
V
Transformer
Resonance frequency
(In-Circuit)
f
RES
180
1200
kHz
Thermal Shutdown
Temperature
T
SD
130
140
150
°C
Thermal Shutdown
Hysteresis
T
SDH
70
°C
VOLTAGE SUPPLY Pin
Easy Start
Enable Voltage
V
CC(ES)
LNK4114D / LNK4214D
6
V
LNK4115D / LNK4215D for N
STARTUP Cycles,
then 6 V
10
Supply Voltage
V
VCC(RUN)
To Enter Initialize Mode
11.5
13.5
15.5
V
V
VCC(SLEEP)
4.5
5.1
V
VCC(LOW)
5
Supply Current
I
VCC(RUN)
Average at f
MAX, Excluding Base Drive Current
2
mA
I
VCC(NL)
No-Load
0.6
I
VCC(SLEEP)
In Sleep Mode
15
mA
VCC Shunt Trigger
Level
V
CC(HI)
LNK4XX3D / LNK4XX4D / LNK4XX5D
15.5
V
FEEDBACK Pin
Feedback
Regulation Level
V
FB(REG)
T
J = 25 °C
1.96
1.98
2.00
V
Feedback Input
Resistance
R
FB(IN)
Effective Input Resistance
0 < V
FB < 5
2
MΩ
Feedback OVP Ratio
G
FB(OVP)
1.19
1.20
1.21
Feedback UVP Ratio
G
FB(UVP)
LNK40x3D/S
0.62
0.63
0.64
Thermal Resistance
Thermal Resistance: D Package: (SO-8)
(q
JA) ................................................. 120 °C/W
(q
JB)
1,2
.................................................30 °C/W
S Package (SOT-23-6)
(q
JA) ................................................. 170 °C/W
(q
JB)
2
..................................................60 °C/W
Notes:
1. IC mounted on typical (1oz) copper clad PCB with 164 mm2
ground plane surrounding GROUND pin(s).
2. q
JB measured to GROUND pin terminal of device at the surface
of the PCB.
Absolute Maximum Ratings1
SUPPLY VOLTAGE Pin ..................................................-0.5 V to 18 V
FEEDBACK Pin Input Voltage ........................................ -0.5 V to 4 V
FEEDBACK Pin Input Current .................................. -20 mA to 20 mA
CURRENT SENSE Pin Input Voltage............................... -0.5 V to 4 V
CURRENT SENSE Pin Input Current......................... -20 mA to 20 mA
BASE DRIVE Pin Voltage..............................................-0.5 V to 18 V
EMITTER DRIVE Pin Voltage........................................-0.5 V to 18 V
SUPPLEMENTARY BASE DRIVE Pin Voltage...................-0.5 V to 18 V
Junction Temperature ................................................. -40 to 150 °C
Lead Temperature2................................................................260 °C
Notes:
1. Maximum ratings specified may be applied, one at a time
without causing permanent damage to the product. Exposure to
Absolute Maximum ratings for extended periods of time may
affect product reliability.
2. Soldering, 10 seconds.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com