Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMH6570MA/NOPB Datasheet(PDF) 13 Page - Texas Instruments

Part # LMH6570MA/NOPB
Description  LMH6570 2:1 High Speed Video Multiplexer
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LMH6570MA/NOPB Datasheet(HTML) 13 Page - Texas Instruments

Back Button LMH6570MA/NOPB Datasheet HTML 9Page - Texas Instruments LMH6570MA/NOPB Datasheet HTML 10Page - Texas Instruments LMH6570MA/NOPB Datasheet HTML 11Page - Texas Instruments LMH6570MA/NOPB Datasheet HTML 12Page - Texas Instruments LMH6570MA/NOPB Datasheet HTML 13Page - Texas Instruments LMH6570MA/NOPB Datasheet HTML 14Page - Texas Instruments LMH6570MA/NOPB Datasheet HTML 15Page - Texas Instruments LMH6570MA/NOPB Datasheet HTML 16Page - Texas Instruments LMH6570MA/NOPB Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 29 page
background image
1
2
3
4
5
6
7
8
9
10
0
200
400
600
800
1000
1200
1400
1600
GAIN (V/V)
LMH6570
www.ti.com
SNCS104D – APRIL 2005 – REVISED DECEMBER 2014
Typical Application (continued)
7.2.2 Feedback Resistor Selection
Figure 26. Suggested RF vs. Gain
The LMH6570 has a current feedback output buffer with gain determined by external feedback (RF) and gain set
(RG) resistors. With current feedback amplifiers, the closed loop frequency response is a function of RF. For a
gain of 2 V/V, the recommended value of RF is 576 Ω. For other gains, see Figure 26. Generally, lowering RF
from the recommended value will peak the frequency response and extend the bandwidth while increasing the
value of RF will cause the frequency response to roll off faster. Reducing the value of RF too far below the
recommended value will cause overshoot, ringing and, eventually, oscillation.
Since all applications are slightly different, it is worth some experimentation to find the optimal RF for a given
circuit. For more information see Current Feedback Loop Gain Analysis and Performance Enhancement,
Application Note OA-13 (SNOA366), which describes the relationship between RF and closed-loop frequency
response for current feedback operational amplifiers. The impedance looking into pin 8 is approximately 20
Ω.
This allows for good bandwidth at gains up to 10 V/V. When used with gains over 10 V/V, the LMH6570 will
exhibit a “gain bandwidth product” similar to a typical voltage feedback amplifier. For gains of over 10 V/V
consider selecting a high performance video amplifier like the LMH6720 to provide additional gain.
Copyright © 2005–2014, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Links: LMH6570



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com