Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMH6570MA/NOPB Datasheet(PDF) 1 Page - Texas Instruments

Part # LMH6570MA/NOPB
Description  LMH6570 2:1 High Speed Video Multiplexer
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LMH6570MA/NOPB Datasheet(HTML) 1 Page - Texas Instruments

  LMH6570MA/NOPB Datasheet HTML 1Page - Texas Instruments LMH6570MA/NOPB Datasheet HTML 2Page - Texas Instruments LMH6570MA/NOPB Datasheet HTML 3Page - Texas Instruments LMH6570MA/NOPB Datasheet HTML 4Page - Texas Instruments LMH6570MA/NOPB Datasheet HTML 5Page - Texas Instruments LMH6570MA/NOPB Datasheet HTML 6Page - Texas Instruments LMH6570MA/NOPB Datasheet HTML 7Page - Texas Instruments LMH6570MA/NOPB Datasheet HTML 8Page - Texas Instruments LMH6570MA/NOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 29 page
background image
10
100
1000
FREQUENCY (MHz)
-9
-8
-7
-6
-5
-4
-3
-2
-1
0
1
VS = ±5V
AV = 2V/V
VOUT = 0.5 VPP
VOUT = 1 VPP
VOUT = 2 VPP
VOUT = 4 VPP
10
100
1000
FREQUENCY (MHz)
-9
-8
-7
-6
-5
-4
-3
-2
-1
0
1
VS = ±5V
VOUT = 2 VPP
AV = 1, RF = 1.5 k:
AV = 2, RF = 575:
AV = 6, RF = 300:
AV = 10, RF = 180:
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
LMH6570
SNCS104D – APRIL 2005 – REVISED DECEMBER 2014
LMH6570 2:1 High Speed Video Multiplexer
1 Features
3 Description
The
LMH6570
is
a
high
performance
analog
1
•
500 MHz, 500 mVPP, −3 dB Bandwidth, AV=2
multiplexer optimized for professional grade video
•
400 MHz, 2VPP, −3 dB Bandwidth, AV=2
and
other
high
fidelity,
high
bandwidth
analog
•
8 ns Channel Switching Time
applications. The output amplifier selects one of two
buffered input signals based on the state of the SEL
•
70 dB Channel to Channel Isolation @ 10 MHz
pin. The LMH6570 provides a 400 MHz bandwidth at
•
0.02%, 0.05° Diff. Gain, Diff. Phase
2-VPP output signal levels. Multimedia and high
•
0.1 dB Gain Flatness to 150 MHz
definition television (HDTV) applications can benefit
from the 0.1-dB bandwidth of 150 MHz and the 2200-
•
2200 V/
μs Slew Rate
V/
μs slew rate of LMH6570.
•
Wide Supply Voltage Range: 6 V (±3 V) to 12 V
(±6 V)
The LMH6570 supports composite video applications
with its 0.02% and 0.05° differential gain and phase
•
−68 dB HD2 @ 5 MHz
errors for NTSC and PAL video signals while driving
•
−84 dB HD3 @ 5 MHz
a single, back terminated 75-
Ω load. An 80-mA linear
output current is available for driving multiple video
2 Applications
load applications.
•
Video Router
The LMH6570 gain is set by external feedback and
•
Multi Input Video Monitor
gain set resistors for maximum flexibility.
•
Instrumentation / Test Equipment
The LMH6570 is available in the 8-pin SOIC
•
Receiver IF Diversity Switch
package.
•
Multi Channel A/D Driver
Device Information(1)
•
Picture in Picture Video Switch
PART NUMBER
PACKAGE
BODY SIZE (NOM)
LMH6570
SOIC (8)
4.9 mm × 3.90 mm
(1) For all available packages, see the orderable addendum at
the end of the data sheet.
Frequency Response vs. Gain
Frequency Response vs. VOUT
1
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - LMH6570MA/NOPB

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMH6570MA/NOPB TI1-LMH6570MA/NOPB Datasheet
1Mb / 26P
LMH6570 2:1 High Speed Video Multiplexer
More results

Similar Description - LMH6570MA/NOPB

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMH6572 NSC-LMH6572 Datasheet
409Kb / 12P
Triple 2:1 High Speed Video Multiplexer
LMH6574 NSC-LMH6574 Datasheet
860Kb / 15P
4:1 High Speed Video Multiplexer
LMH6570 NSC-LMH6570 Datasheet
831Kb / 14P
2:1 High Speed Video Multiplexer
logo
Texas Instruments
OPA875 TI-OPA875 Datasheet
659Kb / 18P
Single 2:1 High-Speed Video Multiplexer
logo
Burr-Brown (TI)
OPA3875 BURR-BROWN-OPA3875 Datasheet
614Kb / 22P
Triple 2:1 High-Speed Video Multiplexer
OPA875 BURR-BROWN-OPA875 Datasheet
688Kb / 21P
Single 2:1 High-Speed Video Multiplexer
logo
National Semiconductor ...
LMH6572 NSC-LMH6572_05 Datasheet
792Kb / 12P
Triple 2:1 High Speed Video Multiplexer
LMH6574 NSC-LMH6574_05 Datasheet
857Kb / 14P
4:1 High Speed Video Multiplexer
logo
Texas Instruments
LMH6570 TI1-LMH6570 Datasheet
1Mb / 26P
LMH6570 2:1 High Speed Video Multiplexer
LMH6572 TI1-LMH6572 Datasheet
1Mb / 20P
LMH6572 Triple 2:1 High Speed Video Multiplexer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com