Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMH6570MA/NOPB Datasheet(PDF) 4 Page - Texas Instruments

Part # LMH6570MA/NOPB
Description  LMH6570 2:1 High Speed Video Multiplexer
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LMH6570MA/NOPB Datasheet(HTML) 4 Page - Texas Instruments

  LMH6570MA/NOPB Datasheet HTML 1Page - Texas Instruments LMH6570MA/NOPB Datasheet HTML 2Page - Texas Instruments LMH6570MA/NOPB Datasheet HTML 3Page - Texas Instruments LMH6570MA/NOPB Datasheet HTML 4Page - Texas Instruments LMH6570MA/NOPB Datasheet HTML 5Page - Texas Instruments LMH6570MA/NOPB Datasheet HTML 6Page - Texas Instruments LMH6570MA/NOPB Datasheet HTML 7Page - Texas Instruments LMH6570MA/NOPB Datasheet HTML 8Page - Texas Instruments LMH6570MA/NOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 29 page
background image
LMH6570
SNCS104D – APRIL 2005 – REVISED DECEMBER 2014
www.ti.com
6 Specifications
6.1 Absolute Maximum Ratings
(1) (2)
MIN
MAX
UNIT
Supply Voltage (V+
− V−)
13.2
V
IOUT
(3)
130
mA
Signal & Logic Input Pin Voltage
±(VS + 0.6)
V
Signal & Logic Input Pin Current
±20
mA
Maximum Junction Temperature
+150
°C
Storage Temperature
−65
+150
°C
Infrared or Convection (20 sec)
235
°C
Soldering Information
Wave Soldering (10 sec)
260
°C
(1)
Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. Operating Ratings indicate conditions for
which the device is intended to be functional, but specific performance is not ensured. For specifications, see the Electrical
Characteristics tables.
(2)
If Military/Aerospace specified devices are required, please contact the Texas Instruments Sales Office/ Distributors for availability and
specifications.
(3)
The maximum output current (IOUT) is determined by the device power dissipation limitations (The junction temperature cannot be
allowed to exceed 150°C). See Power Dissipation for more details. A short circuit condition should be limited to 5 seconds or less.
6.2 ESD Ratings
VALUE
UNIT
Human-body model (HBM), per ANSI/ESDA/JEDEC JS-001(1)
±2000
Electrostatic
V(ESD)
V
discharge
Machine model (MM)(2)
±200
(1)
JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process. Manufacturing with
less than 500-V HBM is possible with the necessary precautions. Pins listed as ±2000 V may actually have higher performance. Human
body model, 1.5k
Ω in series with 100 pF.
(2)
Machine model, 0
Ω In series with 200 pF
6.3 Recommended Operating Conditions
over operating free-air temperature range (unless otherwise noted)
MIN
NOM
MAX
UNIT
Operating Temperature
−40
85
°C
Supply Voltage
6
12
V
6.4 Thermal Information
D
THERMAL METRIC(1)
UNIT
8 PINS
RθJA
Junction-to-ambient thermal resistance
150
°C/W
RθJC(top)
Junction-to-case (top) thermal resistance
50
(1)
For more information about traditional and new thermal metrics, see the IC Package Thermal Metrics application report, SPRA953.
4
Submit Documentation Feedback
Copyright © 2005–2014, Texas Instruments Incorporated
Product Folder Links: LMH6570



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com