Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMH6570MA/NOPB Datasheet(PDF) 3 Page - Texas Instruments

Part # LMH6570MA/NOPB
Description  LMH6570 2:1 High Speed Video Multiplexer
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LMH6570MA/NOPB Datasheet(HTML) 3 Page - Texas Instruments

  LMH6570MA/NOPB Datasheet HTML 1Page - Texas Instruments LMH6570MA/NOPB Datasheet HTML 2Page - Texas Instruments LMH6570MA/NOPB Datasheet HTML 3Page - Texas Instruments LMH6570MA/NOPB Datasheet HTML 4Page - Texas Instruments LMH6570MA/NOPB Datasheet HTML 5Page - Texas Instruments LMH6570MA/NOPB Datasheet HTML 6Page - Texas Instruments LMH6570MA/NOPB Datasheet HTML 7Page - Texas Instruments LMH6570MA/NOPB Datasheet HTML 8Page - Texas Instruments LMH6570MA/NOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 29 page
background image
OUT
FB
SD
V
-
IN1
IN0
1
2
3
4
5
6
7
8
-
+
SEL
V
+
LMH6570
www.ti.com
SNCS104D – APRIL 2005 – REVISED DECEMBER 2014
5 Pin Configuration and Functions
8-Pin SOIC
D Package
(Top View)
Pin Functions
PIN
I/O
DESCRIPTION
NO.
NAME
1
IN0
I
Input Channel 0
2
SEL
I
Select Pin
3
SD
I
Shutdown
4
IN1
I
Input Channel 1
5
V-
I
V- Supply
6
V+
I
V+ Supply
7
OUT
O
Output
8
FB
I
Feedback
Truth Table
SEL
SD
OUTPUT
1
0
IN1 * (1+RF/RG)
0
0
IN0 * (1+RF/RG)
X
1
Shutdown
Copyright © 2005–2014, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: LMH6570



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com