Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMH6570MA/NOPB Datasheet(PDF) 14 Page - Texas Instruments

Part # LMH6570MA/NOPB
Description  LMH6570 2:1 High Speed Video Multiplexer
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LMH6570MA/NOPB Datasheet(HTML) 14 Page - Texas Instruments

Back Button LMH6570MA/NOPB Datasheet HTML 10Page - Texas Instruments LMH6570MA/NOPB Datasheet HTML 11Page - Texas Instruments LMH6570MA/NOPB Datasheet HTML 12Page - Texas Instruments LMH6570MA/NOPB Datasheet HTML 13Page - Texas Instruments LMH6570MA/NOPB Datasheet HTML 14Page - Texas Instruments LMH6570MA/NOPB Datasheet HTML 15Page - Texas Instruments LMH6570MA/NOPB Datasheet HTML 16Page - Texas Instruments LMH6570MA/NOPB Datasheet HTML 17Page - Texas Instruments LMH6570MA/NOPB Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 29 page
background image
LMH6570
SNCS104D – APRIL 2005 – REVISED DECEMBER 2014
www.ti.com
Typical Application (continued)
7.2.3 Multiplexer Expansion
It is possible to use multiple LMH6570 devices to expand the number of inputs that can be selected for output.
Figure 27 shows a 4:1 MUX using two LMH6570 devices.
Figure 27. 4:1 MUX Using Two LMH6570 Devices
In such an application, the output settling may be longer than the LMH6570 switching specifications (~20 ns),
while switching between two separate LMH6570 devices. The switching time limiting factor occurs when one
LMH6570 is turned off and another one is turned on, using the SD (shutdown) pin. The output settling time
consists of the time needed for the first LMH6570 to enter high impedance state plus the time required for the
second LMH6570 output to dissipate left-over output charge of the first device (limited by the output current
capability of the second device) and the time needed to settle to the final voltage value.
14
Submit Documentation Feedback
Copyright © 2005–2014, Texas Instruments Incorporated
Product Folder Links: LMH6570



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com