Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PL133-67OC-R Datasheet(PDF) 4 Page - Micrel Semiconductor

Part # PL133-67OC-R
Description  Low-Power 2.25V to 3.63V DC to 150MHz 1:6 Fanout Buffer IC
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

PL133-67OC-R Datasheet(HTML) 4 Page - Micrel Semiconductor

  PL133-67OC-R Datasheet HTML 1Page - Micrel Semiconductor PL133-67OC-R Datasheet HTML 2Page - Micrel Semiconductor PL133-67OC-R Datasheet HTML 3Page - Micrel Semiconductor PL133-67OC-R Datasheet HTML 4Page - Micrel Semiconductor PL133-67OC-R Datasheet HTML 5Page - Micrel Semiconductor PL133-67OC-R Datasheet HTML 6Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
PL133-67
Low-Power 2.25V to 3.63V DC to 150MHz 1:6 Fanout Buffer IC
Micrel Inc. • 2180 Fortune Drive • San Jose, CA 95131 • USA • tel +1 (408) 944-0800 • fax +1(408) 474-1000 • www.micrel.com Rev 03/18/11 Page 4
SWITCHING CHARACTERISTICS (Commercial and Industrial Temperature D evices)
[3 ]
Parameter
Description
Test Conditions
Min.
Typ.
Max.
Unit
Duty Cycle [2] = t2 ÷ t1
Measured at 1.4V, Input is 50%
40
50
60
%
t3
Rise Time [2]
Measured between 0.8V and 2.0V
–
–
1.5
ns
t4
Fall Time [2]
Measured between 0.8V and 2.0V
–
–
1.5
ns
t5
Output to Output Skew [2]
All outputs equally loaded
–
–
250
ps
t6
Propagation Delay, REF Rising
Edge to CLKX Rising Edge [2]
Measured at VDD/2
1
5
9.2
ns
Notes:
1. REF input has a threshold voltage of VDD/2
2. Parameter is guaranteed by design and characterization. Not 100% tested in produ ction.
3. All parameters are specified with loaded outputs.
NOISE CHARACTERISTICS (Commercial and Industrial Temperature Devices)
Parameter
Description
Test Conditions
Min.
Typ.
Max.
Unit
Additive Phase Jitter
V DD=3.3V, Frequency=100MHz
Offset=12KHz ~ 20MHz
60
fs
PL133-67 Additive Phase Jitter:
VDD=3.3V, CLK=100MHz, Integration Range 12KHz to 20MHz: 0.059ps typical.
-160
-150
-140
-130
-120
-110
-100
-90
-80
-70
-60
10
100
1000
10000
100000
1000000
10000000
100000000
Offset Frequency (Hz)
REF Input
PL133-67 Output
When a buffer is used to pass a signal then the buffer will add a little bit of its own noise. The phase noise on the output of the
buffer will be a little bit more than the phase noise in the input signal. To quantify the noise addition in the buffer we compare the
Phase Jitter numbers from the input and the output. The difference is called "Additive Phase Jitter". The formula for the Additive
Phase Jitter is as follows:
Additive Phase Jitter = (Output Phase Jitter) - (Input Phase Jitter)
2
2



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com