Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PL133-67OC-R Datasheet(PDF) 3 Page - Micrel Semiconductor

Part # PL133-67OC-R
Description  Low-Power 2.25V to 3.63V DC to 150MHz 1:6 Fanout Buffer IC
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

PL133-67OC-R Datasheet(HTML) 3 Page - Micrel Semiconductor

  PL133-67OC-R Datasheet HTML 1Page - Micrel Semiconductor PL133-67OC-R Datasheet HTML 2Page - Micrel Semiconductor PL133-67OC-R Datasheet HTML 3Page - Micrel Semiconductor PL133-67OC-R Datasheet HTML 4Page - Micrel Semiconductor PL133-67OC-R Datasheet HTML 5Page - Micrel Semiconductor PL133-67OC-R Datasheet HTML 6Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
PL133-67
Low-Power 2.25V to 3.63V DC to 150MHz 1:6 Fanout Buffer IC
Micrel Inc. • 2180 Fortune Drive • San Jose, CA 95131 • USA • tel +1 (408) 944-0800 • fax +1(408) 474-1000 • www.micrel.com Rev 03/18/11 Page 3
ABSOLUTE M AXIM UM CONDITIONS
Supply Voltage to Ground Potential ...... –0.5V to 4.6V
DC Input Voltage ............................VSS – 0.5V to 4.6V
Storage Temperature ..........................–65°C to 150°C
Junction Temperature………………………….. 150°C
Static Discharge Voltage
(per MIL-STD-883, Method 3015)…………..> 2000V
OPERATING CONDITIONS
Parameter
Description
Min.
Max.
Unit
VDD
Supply Voltage
2.25
3.63
V
TA
Commercial Operating Temperature (ambient te mperature)
0
70
C
Industrial Operating Temperature (ambient te mperature)
-40
85
C
CL
Load Capacitance, below 100 MHz
―
30
pF
Load Capacitance between 100 MHz and 134 MHz
―
10
pF
Load Capacitance, above 134 MHz
―
5
pF
CIN
Input Capacitance
―
7
pF
REF, CLK[1:6] Operating Frequency, Input=Output
DC
150
MHz
tPU
Power-up time for all VDDs to reach minimum specified voltage
(power ramps must be monotonic)
0.05
50
ms
ELECTRICAL CHARACTERISTICS (Commercial and Industrial Temperature Devices)
Parameter
Description
Test Conditions
Min.
Max.
Unit
VIL
Input LOW Voltage [1]
–
0.8
V
VIH
Input HIGH Voltage [1]
2.0
–
V
IIL
Input LOW Current
VIN = 0V
–
50
µA
IIH
Input HIGH Current
VIN = VDD
–
100
µA
VOL
Output LOW Voltage [2]
IOL = 8 mA
–
0.4
V
VOH
Output HIGH Voltage [2]
IOH = –8 mA
2.4
–
V
IDD
Supply Current
66.67MHz with unloaded outputs
–
32
mA
RPU
OE Pin Pull-Up Resistance
100
–
K



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com