Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PL133-67OC-R Datasheet(PDF) 2 Page - Micrel Semiconductor

Part # PL133-67OC-R
Description  Low-Power 2.25V to 3.63V DC to 150MHz 1:6 Fanout Buffer IC
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

PL133-67OC-R Datasheet(HTML) 2 Page - Micrel Semiconductor

  PL133-67OC-R Datasheet HTML 1Page - Micrel Semiconductor PL133-67OC-R Datasheet HTML 2Page - Micrel Semiconductor PL133-67OC-R Datasheet HTML 3Page - Micrel Semiconductor PL133-67OC-R Datasheet HTML 4Page - Micrel Semiconductor PL133-67OC-R Datasheet HTML 5Page - Micrel Semiconductor PL133-67OC-R Datasheet HTML 6Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
PL133-67
Low-Power 2.25V to 3.63V DC to 150MHz 1:6 Fanout Buffer IC
Micrel Inc. • 2180 Fortune Drive • San Jose, CA 95131 • USA • tel +1 (408) 944-0800 • fax +1(408) 474-1000 • www.micrel.com Rev 03/18/11 Page 2
PIN DESCRIPTIONS
Name
TSSOP-16L
Type
Description
REF
1
I
Input reference frequency.
CLK0
3
O
Buffered clock output
CLK1
6
O
Buffered clock output
CLK2
7
O
Buffered clock output
CLK3
10
O
Buffered clock output
CLK4
11
O
Buffered clock output
CLK5
14
O
Buffered clock output
VDD
4, 13
P
VDD connection
GND
5, 9, 12
P
GND connection
OE
8
I
Output Enable Control Input with 130K
 Pull-Up
DNC
2, 8, 15, 16
-
Do Not Connect
LAYOUT RECOMMENDATIONS
The following guidelines are to assist you with a performance optimized PCB d esign:
Signal Integrity and Termination
Considerations
- Keep traces short!
- Trace = Inductor. With a capacitive load this equals
ringing!
- Long trace = Transmission Line. Without proper termi-
nation this will cause reflections ( looks like ringing ).
- Design long traces (> 1 inch) as “striplines” or
“microstrips” with defined impedance.
- Match trace at one side to avoid reflections bouncing
back and forth.
Decoupling and Power Supply
Considerations
- Place decoupling capacitors as close as possible
to the VDD pin(s) to limit noise from the power
supply
- Addition of a ferrite bead in series with VDD can
help prevent noise from other board sources
- Value of decoupling capacitor is frequency de-
pendant. Typical values to use are 0.1
F for de-
signs using frequencies < 50MHz and 0.01
F for
designs using frequencies > 50MHz.
Typical CMOS termination
Place Series Resistor as close as possible to CMOS output
CMOS Output Buffer
( Typical buffer impedance 20 ohm)
To CMOS Input
Connect a 33 ohm series resistor at each of the output clocks to
enhance the stability of the output signal
50 ohm line



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com